Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 45 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 45 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 41Page - Intel Corporation DP35DP Datasheet HTML 42Page - Intel Corporation DP35DP Datasheet HTML 43Page - Intel Corporation DP35DP Datasheet HTML 44Page - Intel Corporation DP35DP Datasheet HTML 45Page - Intel Corporation DP35DP Datasheet HTML 46Page - Intel Corporation DP35DP Datasheet HTML 47Page - Intel Corporation DP35DP Datasheet HTML 48Page - Intel Corporation DP35DP Datasheet HTML 49Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 84 page
background image
Technical Reference
45
Table 15. Chassis Intrusion Header
Pin
Signal Name
1
Intruder
2
Ground
Table 16. Front and Rear Chassis (3-Pin) Fan Headers
Pin
Signal Name
1
Control
2
+12 V
3
Tach
Table 17. Processor and Auxiliary Rear Chassis (4-Pin) Fan Headers
Pin
Signal Name
1
Ground
2
+12 V
3
FAN_TACH
4
FAN_CONTROL
Table 20. Back Panel CIR Emitter (Output) Header
Pin
Signal Name
1
Emitter out 1
2
Emitter out 2
3
Ground
4
Key (no pin)
5
Jack detect 1
6
Jack detect 2
Table 21. Front Panel CIR Receiver (Input) Header
Pin
Signal Name
1
Ground
2
LED
3
NC
4
Learn-in
5
5 V standby
6
VCC
7
Key (no pin)
8
CIR Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com