Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 31 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 31 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 27Page - Intel Corporation DP35DP Datasheet HTML 28Page - Intel Corporation DP35DP Datasheet HTML 29Page - Intel Corporation DP35DP Datasheet HTML 30Page - Intel Corporation DP35DP Datasheet HTML 31Page - Intel Corporation DP35DP Datasheet HTML 32Page - Intel Corporation DP35DP Datasheet HTML 33Page - Intel Corporation DP35DP Datasheet HTML 34Page - Intel Corporation DP35DP Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 84 page
background image
Product Description
31
1.13.1.2 ENERGY STAR*
In 2007, the US Department of Energy and the US Environmental Protection Agency
revised the ENERGY STAR* requirements. Intel has worked directly with these two
governmental agencies to define the new requirements. Currently Intel Desktop
Boards meet the new requirements.
For information about
Refer to
ENERGY STAR requirements and recommended configurations
http://www.intel.com/go/energystar
1.13.1.3
Wake-up Devices and Events
Table 8 lists the devices or specific events that can wake the computer from specific
states.
Table 8. Wake-up Devices and Events
These devices/events can wake up the computer…
…from this state
LAN
S1, S3, S4, S5 (Note 1)
PME# signal
S1, S3, S4, S5 (Note 1)
Power switch
S1, S3, S4, S5
PS/2 devices
S1, S3
RTC alarm
S3, S4, S5
Serial port
S3
USB
S3
WAKE# signal
S1, S3, S4, S5
Consumer IR
S1, S3 (S4 and S5) (Note 2)
Notes:
1.
For LAN and PME# signal, S5 is disabled by default in the BIOS Setup program. Setting this option to
Power On will enable a wake-up event from LAN in the S5 state.
2.
Wake from S4 and S5 is optional by the specification.
NOTE
The use of these wake-up events from an ACPI state requires an operating system
that provides full ACPI support. In addition, software, drivers, and peripherals must
fully support ACPI wake events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com