Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP35DP Datasheet(PDF) 48 Page - Intel Corporation

Part # DP35DP
Description  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP Datasheet(HTML) 48 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 44Page - Intel Corporation DP35DP Datasheet HTML 45Page - Intel Corporation DP35DP Datasheet HTML 46Page - Intel Corporation DP35DP Datasheet HTML 47Page - Intel Corporation DP35DP Datasheet HTML 48Page - Intel Corporation DP35DP Datasheet HTML 49Page - Intel Corporation DP35DP Datasheet HTML 50Page - Intel Corporation DP35DP Datasheet HTML 51Page - Intel Corporation DP35DP Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 84 page
background image
Intel Desktop Board DP35DP Technical Product Specification
48
2.2.2.5
Front Panel Header
This section describes the functions of the front panel header. Table 21 lists the signal
names of the front panel header. Figure 11 is a connection diagram for the front panel
header.
Table 21. Front Panel Header
Pin
Signal
In/
Out
Description
Pin
Signal
In/
Out
Description
Hard Drive Activity LED
Power LED
1
HD_PWR
Out
Hard disk LED
pull-up to +5 V
2
HDR_BLNK_GRN Out
Front panel green
LED
3
HDA#
Out
Hard disk active
LED
4
HDR_BLNK_YEL
Out
Front panel yellow
LED
Reset Switch
On/Off Switch
5
Ground
Ground
6
FPBUT_IN
In
Power switch
7
FP_RESET#
In
Reset switch
8
Ground
Ground
Power
Not Connected
9
+5 V
Power
10
N/C
Not connected
Figure 11. Connection Diagram for Front Panel Header



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com