Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 28 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 28 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 27Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 28Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 29Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 30Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 31Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 32Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
Data Sheet
28
Rev.3.3, 2010-02-15
The AND operation implies that the output can be switched off by the SPI data bit input, even if the corresponding
parallel input is in the ON state.
SPI Priority for OFF-State
This also implies that the serial input data bit can only switch the output channel ON if the corresponding parallel
input is in the ON state.
If the AND operation is programmed it is latched until it is overwritten by the OR operation.
6.1.5.6
Example for an access to channel 1 to 8
LLHH LLLL HLLH LLLH: OR operation between parallel inputs and data bits, i.e channel 1, 5 and 8 will be switched
on.
The next command is now: LHHH LLLL HHHH LLLL
LHHH LLLL as command word has no special meaning and will not be accepted. The output states will not be
changed and the shift register will be reset (at the next CS SO Data all ‘0’).
6.2
Diagnostics
For full diagnosis there are two diagnostic bits per channel configured as shown in Figure 21.
Figure 21
Two Bits per Channel Diagnostic Feedback
•
Normal function: The bit combination HH indicates that there is no fault condition, i.e. normal function.
•
Overload, Short Circuit to Battery (SCB) or Overtemperature: HL is set when the current limitation gets
active, i.e. there is a overload, short to supply or overtemperature condition.
•
Open load: An open load condition is detected when the drain voltage decreases below 3 V (typ.). LH bit
combination is set.
•
Short Circuit to GND: If a drain to ground short circuit exists and the drain to ground current exceeds 100
µA,
short to ground is detected and the LL bit combination is set.
A definite distinction between open load and short to ground is specified by design.
The standard way of obtaining diagnostic information is as follows:
Clock in serial information into SI pin and wait approximately 150
µs to allow the outputs to settle. Clock in the
identical serial information once again - during this process the data coming out at SO contains the bit
combinations representing the diagnosis conditions as described in Figure 21.
Reset of the Diagnosis Register
The diagnosis register is reset after reading the diagnosis data (after the falling CS edge). This is done for
channels 1-8 and channels 9-16 separately depending on the previous command.
Diagnostic Serial Data OUT SO
HH
Normal function
HL
Overload, Shorted Load or Overtemperature
LH
Open Load
LL
Shorted to Ground
Ch.8
Ch.7
Ch.6
Ch.5
15
14
13
12
11 10
9
8
7
6- - - - -
Ch.16 Ch.15
Ch.14
Ch.13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com