Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 17 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 17 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 13Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 14Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 21Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Data Sheet
17
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
5.4
Diagnostic Functions and FAULT-Pin
The device provides diagnosis information about the device and about the load. There are following diagnosis
flags implemented for each channel:
•
The diagnosis information of the protective functions, such as “over current” and “over temperature”
•
The open load diagnosis
•
The short to ground information.
For further details, refer to the Chapter “Control of the device”
FAULT - Fault pin. There is a general fault pin (open drain) which shows a high to low transition as soon as an
error occurs for any one of the sixteen channels. This fault indication can be used to generate a
µC interrupt.
Therefore a ‘diagnosis’ interrupt routine need only be called after this fault indication. This saves processor time
compared to a cyclic reading of the SO information.
As soon as a fault occurs, the fault information is latched into the diagnosis register. A new error will overwrite the
old error report. Serial data out pin (SO) is in a high impedance state when CS is high. If CS receives a LOW signal,
all diagnosis bits can be shifted out serially.
Electrical Characteristics: Diagnostic Functions
V
S = 4.5 V to 5.5 V, Tj = -40 °C to +150 °C, Reset = H (unless otherwise specified)
all voltages with respect to ground, positive current flowing into pin
Pos.
Parameter
Symbol
Limit Values
Unit
Conditions
Min.
Typ.
Max.
5.4.1
Open Load Detection Voltage
V
DS(OL)
V
S - 2.5 VS - 2
V
S - 1.3 V
–
5.4.2
Output Pull-down Current
I
PD(OL)
50
90
150
µA
V
Reset = H
5.4.3
Fault Delay Time
t
d(fault)
50
100
200
µs–
5.4.4
Short to Ground Detection Voltage
V
DS(SHG)
V
S - 3.3 VS - 2.9 VS - 2.5 V
–
5.4.5
Short to Ground Detection Current
I
SHG
-50
-100
-150
µA
V
Reset = H
5.4.6
Overload Detection Threshold
I
D(lim) 1-8
11.3
2A
–
I
D(lim) 9-16
34
6A
–
5.4.7
Overtemperature Shutdown
Threshold1)
1) Specified by design and not subject to production test.
T
th(sd)
170
–
200
°C–
5.4.8
Overtemperature Hysteresis1)
T
hys
–10
–K
–
5.4.9
FAULT Output Low Voltage
V
faultL
––
0.4
V
I
faultL = 1.6 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com