Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 15Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 16Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
Data Sheet
19
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Electrical and Functional Description of Blocks
Figure 12
Input Timing Diagram
Figure 13
SO Valid Time Waveforms and Enable and Disable Time Waveforms
SPI Signal Description
CS - Chip Select. The system microcontroller selects the TLE6240GP by means of the CS pin. Whenever the pin
is in a logic low state, data can be transferred from the
µC and vice versa.
•
CS High to Low Transition:
– diagnostic status information is transferred from the power outputs into the shift register
– serial input data can be clocked in from then on
– SO changes from high impedance state to logic high or low state corresponding to the SO bits
•
CS Low to High Transition:
– transfer of SI bits from shift register into output buffers
To avoid any false clocking the serial clock input pin SCLK should be logic low state during high to low transition
of CS. When CS is in a logic high state, any signals at the SCLK and SI pins are ignored and SO is forced into a
high impedance state.
SCLK - Serial Clock. The system clock pin clocks the internal shift register of the TLE6240GP. The serial input
(SI) accepts data into the input shift register on the falling edge of SCLK while the serial output (SO) shifts
tlead
tSCKH
0.2VS
tlag
tH
tSCKL
0.2 VS
tSU
0.7VS
0.2VS
CS
SCLK
SI
0.7VS
tdt
0.7VS
tvalid
SCLK
CS
SO
tDis
0.2 VS
SO
0.7 VS
0.7 VS
0.2 VS
SO
0.7 VS
0.2 VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com