Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 28Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 29Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 30Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 31Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 32Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 33Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 34Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 35Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Application Hints
Data Sheet
32
Rev.3.3, 2010-02-15
7
Application Hints
Note: The following information is given as a hint for the implementation of the device only and shall not be
regarded as a description or warranty of a certain functionality, condition or quality of the device.
7.1
Application Circuits
Figure 23
Application Circuit
TLE6240GP
Micro
Controller
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
SI
SO
CS
CLK
FAULT
RESET
I/O
I/O
I/O
I/O
I/O
I/O
I/O
I/O
SO
SI
CS
CLK
PRG
VS
OUTx
OUTx
VBat
OUTx
47nF*
* Ceramic Capacitor located close to Power Device
10K
Application Circuit .vsd



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com