Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 21 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 21 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 17Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 18Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 23Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 25Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
Data Sheet
21
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
6
Control of the Device
6.1
Output Stage Control
The 16 outputs of the TLE6240GP can be controlled via serial interface. Additionally eight of these 16 channels
can alternatively be controlled in parallel (Channel 1 to 4 and 9 to 12) for PWM applications.
6.1.1
Parallel Control and PRG - Pin
A Boolean operation (either AND or OR) is performed on each of the parallel inputs and respective SPI data bits,
in order to determine the states of the respective outputs. The type of Boolean operation performed is programmed
via the serial interface.
The parallel inputs are high or low active depending on the PRG pin. If the parallel input pins are not connected
(independent of high or low activity) it is guaranteed that the outputs 1 to 4 and 9 to 12 are switched off. The PRG
pin itself is internally pulled up when it is not connected.
PRG - Program pin.
PRG = High (
V
S): Parallel inputs Channel 1 to 4 and 9 to 12 are high active
PRG = Low (GND): Parallel inputs Channel 1 to 4 and 9 to 12 are low active
6.1.2
Serial Control of the Outputs: SPI Protocol
6.1.3
Overview
Each output is independently controlled by an output latch and a common reset line, which disables all outputs.
The Serial Input (SI) is read on the falling edge of the serial clock. A logic high input ‘data bit’ turns the respective
output channel ON, a logic low ‘data bit’ turns it OFF.
CS must be low whilst shifting all the serial data into the device. A low-to-high transition of CS transfers the serial
data input bits to the output control buffer.
The 16 channels of the TLE6240GP are divided up into two parts for the control of the outputs (ON, OFF) and the
diagnosis information.
Serial Input (SI) information consists of 16 bit. 8 bit contain the input driver information for channel 1 to 8 or for
channel 9 to 16. The remaining 8 bits are used to program a certain operation mode.
Serial Output (SO) data consists of 16 bit containing the diagnosis information for channels 1 to 8 or channels 9
to 16 with two bits per channel.
Channel 1 to 8:
Control Byte 1: Operation mode and diagnosis select for channels 1 to 8
Data Byte1: ON/OFF information for channel 1 to 8
DIAG_1: Diagnosis data for channels 1 to 8
Channel 9 to 16:
Control Byte 2: Operation mode and diagnosis select for channels 9 to 16
Data Byte2: ON/OFF information for channel 9 to 16
DIAG_2: Diagnosis data for channels 9 to 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com