Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 9Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 10Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 37 page
background image
Data Sheet
7
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Pin Configuration
3
Pin Configuration
3.1
Pin Assignment
Figure 4
Pin Configuration (top view)
3.2
Pin Definitions and Functions
Pin
Symbol
Function
1GND
Ground
2OUT9
Power Output Channel 9
3OUT10
Power Output Channel 10
4OUT1
Power Output Channel 1
5OUT2
Power Output Channel 2
6IN1
Input Channel 1
7IN2
Input Channel 2
8
V
S
Supply Voltage
9
RESET
Reset
10
CS
Chip Select
1
2
3
4
5
6
7
8
9
10
12
13
14
15
16
17
18
36
34
33
32
31
30
29
28
27
26
25
24
23
22
21
20
19
11
35
PG-DSO-36
DSO-36(Power )_TLE6240.vsd
GND
OUT9
OUT10
OUT1
OUT2
IN1
IN2
VS
RESET
CS
PRG
IN3
IN4
OUT3
OUT4
OUT11
OUT12
GND
GND
OUT16
OUT15
OUT8
OUT7
IN12
IN11
SI
SCLK
SO
FAULT
IN10
IN9
OUT6
OUT5
OUT14
OUT13
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com