Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE6240GP_10 Datasheet HTML 1Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 2Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
TLE6240GP
Smart 16-Channel Low-Side Switch
Overview
Data Sheet
4
Rev.3.3, 2010-02-15
Product Summary
Block Diagram
Figure 1
Application Block Diagram
Parameter
Symbol
Value
Unit
Supply voltage
V
S
4.5 … 5.5
V
Drain source clamping voltage
V
DS(AZ)max
45 .... 60
V
On resistance
R
ON1-8 (max @ 150°C)
2.2
Ω
R
ON10,11,14,15 (max @ 150°C) 0.7
Ω
R
ON9,12,13,16 (max @ 150°C)
0.6
Ω
Nominal Output current (channel 1 - 8)
I
D
0.5
A
Nominal Output current (channel 9 - 16)
I
D
1A
Minimum Output current Limit (channel 1 - 8)
I
D(lim)_min
1A
Minimum Output current Limit (channel 9 - 16)
I
D(lim)_min
3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com