Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 3 Page - Infineon Technologies AG

  TLE6240GP_10 Datasheet HTML 1Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 2Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 3Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 4Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 5Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 6Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 7Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 8Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
PG-DSO-36
Type
Package
Marking
TLE6240GP
PG-DSO-36
TLE6240GP
Data Sheet
3
Rev.3.3, 2010-02-15
Smart 16-Channel Low-Side Switch
coreFLEX
TLE6240GP
1Overview
Features
•
Short Circuit Protection
•
Overtemperature Protection
•
Overvoltage Protection
•
16 bit Serial Data Input and Diagnostic Output
(2 bit/channel for Open Load- and Short to GND detection)
•
Direct Parallel Control of eight channels for PWM Applications
•
Parallel Inputs High or Low Active programmable
•
General Fault Flag
•
Low Quiescent Current
•
Compatible with 3 V Microcontrollers
•
Electrostatic discharge (ESD) Protection
•
Green Product (RoHS compliant)
•
AEC Qualified
Applications
•
Automotive and Industrial Systems
•
Solenoids, Relays and Resistive Loads
General Description
16-fold Low-Side Switch in Smart Power Technology (SPT) with a Serial Peripheral Interface (SPI) and 16 open
drain DMOS output stages. The TLE6240GP is protected by embedded protection functions and designed for
automotive and industrial applications. The output stages are controlled via SPI Interface. Additionally 8 channels
can be controlled direct in parallel for PWM applications. Therefore the TLE6240GP is particularly suitable for
engine management and powertrain systems, safety and body applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com