Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 19Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 20Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 23Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
Data Sheet
23
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
6.1.4
Control- and Data Byte
As mentioned above, the serial input information consist of a control byte and a data byte. Via the control byte, the
specific mode of the device is programmable.
Ten specific control words are recognized, having the following functions:
Table 2
Commands
Control words beside No. 1- 10
Not specified Control words are not executed (cause no function) and the shift register (SO Data) is reset after the
CS signal (all ‘0’).
Table 1
Control and Data Byte
MSB
LSB
CCCC
CCCC
DDDD
DDDD
Control Byte
Data Byte
No.
Control Byte Data Byte
Function
Channel 1 to 8
1
LLLL LLLL1)
XXXX XXXX2)
‘Full Diagnosis’ (two bits per channel) performed for channels 1 to 8. No
change to output states.
2
HHLL LLLL
XXXX XXXX
State of the eight parallel inputs and ‘1-bit Diagnosis’ for channel 1 to 8 is
provided.
3
HLHL LLLL
XXXX XXXX
Echo-function of SPI; SI direct connected to SO.
4
LLHH LLLL
DDDDDDDD2) IN1 … 4 and serial data bits ‘OR’ed. ‘Full Diagnosis’ performed for
channels 1 to 8.
5
HHHH LLLL
DDDDDDDD
IN1 … 4 and serial data bits ‘AND’ed. ‘Full Diagnosis’ performed for
channels 1 to 8.
Channel 9 to 16
6
LLLL HHHH1) XXXX XXXX
‘Full Diagnosis’ (two bits per channel) performed for channels 9 to 16. No
change to output states.
7
HHLL HHHH
XXXX XXXX
State of the eight parallel inputs and ‘1-bit Diagnosis’ for channel 9 to 16 is
provided.
8
HLHL HHHH
XXXX XXXX
Echo-function of SPI; SI direct connected to SO.
9
LLHH HHHH
DDDDDDDD
IN9 … 12 and serial data bits ‘OR’ed. ‘Full Diagnosis’ performed for
channels 9 to 16.
10
HHHH HHHH DDDDDDDD
IN9 … 12 and serial data bits ‘AND’ed. ‘Full Diagnosis’ performed for
channels 9 to 16.
1) Control Byte: Channel Selection via Bit 0 to 3
Bits 0 to 3 = L, Channels 1 to 8 selected
Bits 0 to 3 = H, Channels 9 to 16 selected
2) Data Byte: ‘X’ means ‘don’t care’, because this data bits will be ignored.
‘D’ represents the data bits, either being H (= ON) or L (= OFF).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com