Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 27Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 28Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 29Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 30Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 31Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 32Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Data Sheet
29
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
6.2.1
Diagnosis Read-out options
By means of the control byte it is possible either to:
1. control the outputs according to the data byte, as well as being able to read the diagnostic information (two bits
per channel)
2. or purely get diagnostic information without changing the state of the outputs
3. or read back the parallel inputs plus a simple diagnosis (one bit per channel)
4. or SPI “Echo Function” as a diagnosis of proper SPI function.
Diagnosis Read-Out Option 1): Serial Control of Outputs
SI information: OR-operation valid for channels 1 to 8
SO: 16 bit diagnosis for channels 1 to 8 performed during next chip select cycle
SI information: OR-operation valid for channels 9 to 16
SO: 16 bit diagnosis for channels 9 to 16 performed during next chip select cycle
SI information: AND-operation valid for channels 1 to 8
SO: 16 bit diagnosis for channels 1 to 8 performed during next chip select cycle
SI information: AND-operation valid for channels 9 to 16
SO: 16 bit diagnosis for channels 9 to 16 performed during next chip select cycle
Table 10
OR-operation valid for channels 1 to 8
MSB
LSB
L
L
H
H
L
LLLL
H
L
H
H
LLL
Control Byte
Data Byte
Table 11
OR-operation valid for channels 9 to 16
MSB
LSB
L
L
HH
HHHH
H
L
H
L
H
L
L
L
Control Byte
Data Byte
Table 12
AND-operation valid for channels 1 to 8
MSB
LSB
HHHH
L
LLLL
H
L
H
H
LLL
Control Byte
Data Byte
Table 13
AND-operation valid channels 9 to 16
MSB
LSB
HHHH
HHHH
L
H
L
H
H
L
L
L
Control Byte
Data Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com