Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE6240GP Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # TLE6240GP
Description  Smart 16-Channel Low-Side Switch
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE6240GP Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button TLE6240GP_10 Datasheet HTML 21Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 22Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 23Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 24Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 25Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 26Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 27Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 28Page - Infineon Technologies AG TLE6240GP_10 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
Data Sheet
25
Rev.3.3, 2010-02-15
TLE6240GP
Smart 16-Channel Low-Side Switch
Control of the Device
6.1.5.2
Control Byte No. 2 and 7
If the TLE6240GP is used as bare die in a hybrid application, it is necessary to know if proper connections exist
between the
µC-port and parallel inputs. By entering ‘HHLL’ as the control word, the first eight bits of the SO give
the state of the parallel inputs, depending on the
µC signals. By comparing the IN-bits with the corresponding
µC-port signal, the necessary connection between the µC and the TLE6240GP can be verified - i.e. ‘read back of
the inputs’.
The second 8-bits fed out at the serial output contains ‘1-bit’ fault information of the outputs (H = no fault, L = fault).
In the expression given below for the output byte, ‘FX’ is the fault bit for channel X.
Figure 17
Example for two Consecutive Chip Select Cycles
Table 5
Control Byte No. 2 and 7
MSB
Comment
H
H
L
L
X
XXX
Reading back of the eight inputs and ‘1-bit
Diagnosis’ provided
Control Byte
Table 6
Serial Output
MSB
LSB
IN12
IN11
IN10
IN9
IN4
IN3
IN2
IN1
FX
FX
FX
FX
FX
FX
FX
FX
Parallel Input Signals
Fault Bits Channel 1 to 8 or 9 to 16
SI
H H L L
L L L L
X X X X
X X X X
SO
H H H H
H H H H
H H H H
H H H H
CS
SI command: No change of the output states; reading back of
the 8 inputs and 1bit diagnosis for channels 1 to 8
SO diagnosis: No fault, normal function of channels 1 to 8 or 9 to
16 depending on previous SI command
SI
H H L L
H H H H
X X X X
X X X X
SO
CS
SI command: No change of the output states; reading back of
the 8 inputs and 1bit diagnosis for channels 9 to 16 provided
during next chip select cycle
SO diagnosis: State of eight parallel inputs and 1 bit diagnosis
performed for channels 1 to 8
State of 8 par. inputs 1bit diagnosis Ch.1..8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com