Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
23
13892
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
CHARGE PATH REGULATOR (CONTINUED)
Current Limit Tolerance (26)
ICHRG[3:0] = 0001
ICHRG[3:0] = 0100
ICHRG[3:0] = 0110
All other settings
ΔI
LIM
68
360
500
-
80
400
560
-
92
440
620
15
mA
mA
mA
%
Start-up Overshoot - Unloaded
BPOS-START
-
-
2.0
%
Configuration
Input Capacitance - CHRGRAW(27)
Load Capacitor - BPSNS(27)
Cable length
CINCHRG
CBP
LC
-
10
-
2.2
-
-
-
47
3.0
µF
µF
m
THERMAL
Thermal Warning Lower Threshold
TWL
-
100
-
°C
Thermal Warning Higher Threshold
TWH
-
120
-
°C
Thermal Warning Hysteresis
TWHYS
-
3.0
-
°C
Thermal Protection Threshold
TPT
-
140
-
°C
BACKLIGHT LED DRIVERS
Absolute Accuracy - All current settings
-
-
15
%
Matching - At 400 mV, 21 mA
-
-
3.0
%
Leakage - LEDxDC[5:0] = 000000
-
-
1.0
µA
SIGNALING LED DRIVERS
Absolute Accuracy - All current settings
-
-
15
%
Matching - At 400 mV, 21 mA
-
-
10
%
Leakage - LEDxDC[5:0] = 000000
-
-
1.0
µA
ACTIVE MODE DC
Output Voltage VOUT - (VNOM = 2.775), VINMIN < VIN < VINMAX, ILMIN < IL
< ILMAX
4.4
5.0
5.25
V
ADC
Converter Core Input Range
Single ended voltage readings
Differential readings
0
-1.2
2.4
1.2
V
Maximum Input Voltage(28)
Channels ADIN5, ADIN6 and ADIN7
BP
V
Integral Nonlinearity
3.0
LSB
Differential Nonlinearity
1.0
LSB
Notes
26.
Excludes spread and tolerance due to board and 100 mOhm sense resistor tolerances.
27.
An additional derating of 35% is allowed.
28.
ADIN5, 6 and 7 inputs must not exceed BP voltage.
Table 5. Static Electrical Characteristics
Characteristics noted under conditions -40
°C ≤ T
A ≤ 85 °C, GND = 0 V unless otherwise noted. Typical values noted reflect
the approximate parameter means at TA = 25 °C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com