Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 84Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 156 page
background image
Table 58. VGEN1 Control Register Bit Assignments
VGEN1[1:0]
00
output = 1.20 V
200 mA
BP or external
switcher
01
output = 1.50 V
200 mA
BP or external
switcher
10
output = 2.775 V
200 mA
BP
11
output = 3.15 V
200 mA
BP
Notes
63.
The max load given for VGEN1MODE = 0 and must take into account the capabilities of the external pass device and operating
conditions, to manage its power dissipation. Load capability is 3.0 mA for VGEN1MODE = 1.
Table 59. VGEN2 Control Register Bit Assignments
VGEN2[2:0]
000
output = 1.20 V
350 mA
BP or external
switcher
001
output = 1.50 V
350 mA
BP or external
switcher
010
output = 1.60 V
350 mA
BP
011
output = 1.80 V
350 mA
BP
100
output = 2.70 V
350 mA
BP
101
output = 2.80 V
350 mA
BP
110
output = 3.00 V
350 mA
BP
111
output = 3.15 V
350 mA
BP
Notes
64.
The max load is given for as VGEN2MODE = 0, and must take into account the capabilities of the external pass device and operating
conditions to manage its power dissipation. Load capability is 3.0 mA for VGEN2MODE = 1.
Analog Integrated Circuit Device Data
Freescale Semiconductor
87
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
VGEN3 has an internal PMOS pass FET which will support loads up to 50 mA. For higher current capability, drive for an
external PNP is provided. The external PNP configuration is offered to avoid excess on-chip power dissipation at high loads, and
large differential between BP and output settings. The input pin for the integrated PMOS option is shared with the base current
drive pin for the PNP option. The external PNP configuration must be committed as a hardwired board level implementation, while
the operating mode is selected through the VGEN3CONFIG bit after startup. The VGEN3 is not automatically enabled during the
power up sequence, allowing software to properly set the VGEN3CONFIG bit before the regulator is activated. The
recommended PNP device is the ON Semiconductor NSS12100XV6T1G, which is capable of handling up to 250 mW of
continuous dissipation at minimum footprint and 75 °C of ambient. For use cases where up to 500 mW of dissipation is required,
the recommended PNP device is the ON Semiconductor NSS12100UW3TCG. For stability reasons a small minimum ESR may
be required.
A short circuit condition will shut down the VGEN3 regulator and generate an interrupt for SCPI.
Table 60. VGEN3 Voltage Control
0
1.80 V
50 mA
200 mA
1
2.90 V
50 mA
200 mA
Parameter
Value
Function
ILoad max(63)
Input Supply
Parameter
Value
Function
ILoad max (64)
Input Supply
VGEN3 bit
Output Voltage
ILoad max
VGEN3CONFIG = 0
Internal Pass FET
VGEN3CONFIG = 1
External PNP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com