Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 86 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 86 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 82Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 83Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 84Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 85Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 156 page
background image
Analog Integrated Circuit Device Data
86
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
SUPPLIES
with a dual camera, it is anticipated that only one of the two cameras is active at a time, allowing the VCAM supply to be shared
between them.
VCAM has an internal PMOS pass FET which will support up to 2 Mpixel Camera modules (<65 mA). To support higher
resolution cameras, an external PNP is provided. The external PNP configuration is offered to avoid excess on-chip power
dissipation at high loads, and large differential between BP and output settings. For lower current requirements, an integrated
PMOS pass FET is included. The input pin for the integrated PMOS option is shared with the base current drive pin for the PNP
option. The external PNP configuration must be committed as a hardwired board level implementation, while the operating mode
is selected through the VCAMCONFIG bit after startup. The VCAM is not automatically enabled during the power up sequence,
allowing software to properly set the VCAMCONFIG bit before the regulator is activated. The recommended PNP device is the
ON Semiconductor NSS12100XV6T1G which is capable of handling up to 250 mW of continuous dissipation at a minimum
footprint and 75 °C of ambient. For use cases where up to 500 mW of dissipation is required, the recommended PNP device is
the ON Semiconductor NSS12100UW3TCG. For stability reasons a small minimum ESR may be required.
The input VINCAM should always be connected to BP, even if the VCAM regulator is not used by the system.
Table 56. VCAM Voltage Control
VCAM[1:0]
00
2.5 V
65 mA
250 mA
01
2.6 V
65 mA
250 mA
10
2.75 V
65 mA
250 mA
11
3.00 V
65 mA
250 mA
MULTI-MEDIA CARD SUPPLY
This supply domain is generally intended for user accessible multi-media cards, such as Micro-SD (TransFlash), RS-MMC,
and the like. An external PNP is utilized for this LDO to avoid excess on-chip power dissipation at high loads and large differential
between BP and output settings. The external PNP device is always connected to the BP line in the application. VSD may also
be applied to other system needs within the guidelines of the regulator specifications. The recommended PNP device is the ON
Semiconductor NSS12100XV6T1G, which is capable of handling up to 250 mW of continuous dissipation at a minimum footprint
and 75 °C of ambient. For use cases where up to 500 mW of dissipation is required, the recommended PNP device is the ON
Semiconductor NSS12100UW3TCG. For stability reasons a small minimum ESR may be required. At the 1.8 V set point, the
VSD regulator can be powered from an external buck switcher (2.2 V typ) for an efficiency advantage and reduced power
dissipation in the pass devices.
Table 57. VSD Voltage Control
VSD[2:0]
000
1.80 V
250 mA
BP or External Switcher
001
2.00 V
250 mA
BP
010
2.60 V
250 mA
BP
011
2.70 V
250 mA
BP
100
2.80 V
250 mA
BP
101
2.90 V
250 mA
BP
110
3.00 V
250 mA
BP
111
3.15 V
250 mA
BP
GEN1, GEN2, AND GEN3 REGULATORS
General purpose LDOs VGEN1, VGEN2, and VGEN3 are provided for expansion of the power tree to support peripheral
devices, which could include WLAN, BT, GPS, or other functional modules. All the regulators include programmable set points
for system flexibility. At the 1.2 V and 1.5 V set points, both VGEN1 and VGEN2 can be powered from an external buck switcher
(2.2 V typ) for an efficiency advantage, and reduced power dissipation in the pass devices. (Note that a connection to BP or the
external buck switcher as the input to the regulators is a hardwired board level commitment, and not changed on-the-fly).
Parameter
Value
Output Voltage
ILoad max
VCAMCONFIG=0
Internal Pass FET
VCAMCONFIG=1
External PNP
Parameter
Value
Output Voltage
ILoad max
Input Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com