Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 49 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 49 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 46Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 47Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 48Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 51Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 52Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 53Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
Table 13. Additional Sense Bits
MODES[1:0]
00 = MODE grounded
10 = MODE to VCOREDIG
11 = MODE to VCORE
page 41
PUMSxS[1:0]
00 = PUMS grounded
01 = PUMS open
10 = PUMS to VCOREDIG
11 = PUMS to VCORE
page 55
CHRGSSS
0 = Single path
1 = Serial path
page 88
Analog Integrated Circuit Device Data
Freescale Semiconductor
49
13892
FUNCTIONAL DEVICE OPERATION
I2C INTERFACE
SPECIFIC REGISTERS
IDENTIFICATION
The 13892 parts can be identified though identification bits which are hardwired on chip.
The version of the 13892 can be identified by the ICID[2:0] bits. This is used to distinguish future derivatives or customizations
of the 13892. The bits are set to ICID[2:0] = 111 and are located in the revision register.
The revision of the 13892 is tracked with the revision identification bits REV[4:0]. The bits REV[4:3] track the full mask set
revision, where bits REV[2:0] track the metal revisions. These bits are hardwired.
Table 14. IC Revision Bit Assignment
10001
Pass 3.1
The bits FIN[3:0] are Freescale use only and are not to be explored by the application.
The 13892 die is produced using different wafer fabrication plants. The plants can be identified via the FAB[1:0] bits. These
bits are hardwired.
MEMORY REGISTERS
The 13892 has a small general purpose embedded memory of 2 times 24 bits to store critical data. The data is maintained
when the device is turned off and when in a power cut. The contents are only reset when a RTC reset occurs, see Clock
Generation and Real Time Clock.
Sense
Description
Section
Bits REV[4:0]
IC Revision



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com