Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 48 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 48 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 44Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 46Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 47Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 48Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 49Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 50Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 51Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 52Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 156 page
background image
Analog Integrated Circuit Device Data
48
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
I2C INTERFACE
Additional sense bits are available to reflect the state of the power up mode selection pins, as summarized in Table 13.
LOBATHI
LOBATHM
LOBATHS
Low battery warning
Sense is 1 if above LOBATH
threshold.
Dual
30
μs
page 55
VBUSVALIDI
VBUSVALIDM
VBUSVALIDS
Detects A-Session Valid on VBUS
Dual
L2H: 20-
24 ms
H2L: 8-
12 ms
page 110
IDFLOATI
IDFLOATM
IDFLOATS
ID floating detect. Sense is 1 if
above threshold
Dual
90
μs
page 110
IDGNDI
IDGNDM
IDGNDS
USB ID ground detect. Sense is 1
if not to ground
Dual
90
μs
page 110
IDFACTORYI
IDFACTORYM
IDFACTORYS
ID voltage for Factory mode detect
Sense is 1 if above threshold
Dual
90
μs
page 110
CHRGSE1BI
CHRGSE1BM
CHRSE1BS
Wall charger detect
Regulator short-circuit protection
tripped
Dual
L2H
1.0 ms
200
μs
page 88
SCPI
SCPS
-
Short circuit protection trip
detection
L2H
0
page 71
BATTDETBI
BATTDETBM
BATTDETBS
Battery removal detect
Dual
30 ms
page 99
1HZI
1HZM
-
1.0 Hz time tick
L2H
0
page 50
TODAI
TODAM
-
Time of day alarm
L2H
0
page 50
PWRON1I
PWRON1M
PWRON1S
PWRON1 event
Sense is 1 if pin is high.
H2L
30 ms (1)
page 55
L2H
30 ms
page 55
PWRON2I
PWRON2M
PWRON2S
PWRON2 event
Sense is 1 if pin is high.
H2L
30 ms (35)
page 55
L2H
30 ms
page 55
PWRON3I
PWRON3M
PWRON3S
PWRON3 event
Sense is 1 if pin is high.
H2L
30 ms (35)
page 55
L2H
30 ms
page 55
SYSRSTI
SYSRSTM
-
System reset through PWRONx
pins
L2H
0
page 55
WDIRESETI
WDIRESETM
-
WDI silent system restart
L2H
0
page 55
PCI
PCM
-
Power cut event
L2H
0
page 55
WARMI
WARMM
Warm Start event
L2H
0
page 55
MEMHLDI
MEMHLDM
Memory Hold event
L2H
0
page 55
CLKI
CLKM
CLKS
Clock source change
Sense is 1 if source is XTAL
Dual
0
page 50
RTCRSTI
RTCRSTM
-
RTC reset or intrusion has
occurred
L2H
0
page 50
THWARNHI
THWARNHM
THWARNHS
Thermal warning higher threshold
Sense is 1 if above threshold
Dual
30 ms
page 71
THWARNLI
THWARNLM
THWARNLS
Thermal warning lower threshold
Sense is 1 if above threshold
Dual
30 ms
page 71
LPBI
LPBM
LPBS
Low power boot interrupt
Dual
1.0 ms
page 88
Notes
35.
Debounce timing for the falling edge can be extended with PWRONxDBNC[1:0]; refer to Power Control System for details.
Table 12. Interrupt, Mask and Sense Bits
Interrupt
Mask
Sense
Purpose
Trigger
DebounceTi
me
Section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com