Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 37Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 38Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 39Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 40Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 41Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 42Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 43Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 44Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
41
13892
FUNCTIONAL DEVICE OPERATION
PROGRAMMABILITY
FUNCTIONAL DEVICE OPERATION
PROGRAMMABILITY
INTERFACING OVERVIEW AND CONFIGURATION OPTIONS
The 13892 contains a number of programmable registers for control and communication. The majority of registers are
accessed through a SPI interface in a typical application. The same register set may alternatively be accessed with an I2C
interface that is muxed on SPI pins. The following table describes the muxed pin options for the SPI and I2C interfaces. Further
details for each interface mode follow in this chapter.
Table 7. SPI / I2C Bus Configuration
CS
Configuration (31), Chip Select
Configuration (32)
CLK
SPI Clock
SCL: I2C bus clock
MISO
Master In, Slave Out (data output)
SDA: Bi-directional serial data line
MOSI
Master Out, Slave In (data input)
A0 Address Selection (33)
Notes
31.
CS held low at Cold Start configures interface for SPI mode; once activated, CS functions as the SPI Chip Select.
32.
CS tied to VCORE at Cold Start configures interface for I2C mode; the pin is not used in I2C mode other than for configuration.
33.
In I2C mode, the MOSI pin hardwired to ground or VCORE is used to select between two possible addresses.
SPI INTERFACE
The 13892 contains a SPI interface port, which allows access by a processor to the register set. Via these registers, the
resources of the IC can be controlled. The registers also provide status information about how the IC is operating, as well as
information on external signals.
The SPI interface pins can be reconfigured for reuse as an I2C interface. As a result, a configuration protocol mandates that
the CS pin is held low during a turn on event for the IC (a weak pull-down is integrated on the CS pin. With the CS pin held low
during startup (as would be the case if connected to the CS driver of an unpowered processor, due to the integrated pull-down),
the bus configuration will be latched for SPI mode.
The SPI port utilizes 32-bit serial data words comprised of 1 write/read_b bit, 6 address bits, 1 null bit, and 24 data bits. The
addressable register map spans 64 registers of 24 data bits each.
The general structure of the register set is given in the following table. Bit names, positions, and basic descriptions are
provided in SPI Bitmap. Expanded bit descriptions are included in the following functional chapters for application guidance. For
brevity's sake, references are occasionally made herein to the register set as the “SPI map” or “SPI bits”, but note that bit access
is also possible through the I2C interface option, so such references are implied as generically applicable to the register set
accessible by either interface.
Pin Name
SPI Mode Functionality
I2C Mode Functionality
Table 8. Register Set
Register
Register
Register
Register
0
Interrupt Status 0
16
Unused
32
Regulator Mode 0
48
Charger 0
1
Interrupt Mask 0
17
Unused
33
Regulator Mode 1
49
USB0
2
Interrupt Sense 0
18
Memory A
34
Power Miscellaneous
50
Charger USB1
3
Interrupt Status 1
19
Memory B
35
Unused
51
LED Control 0
4
Interrupt Mask 1
20
RTC Time
36
Unused
52
LED Control 1
5
Interrupt Sense 1
21
RTC Alarm
37
Unused
53
LED Control 2
6
Power Up Mode Sense
22
RTC Day
38
Unused
54
LED Control 3
7
Identification
23
RTC Day Alarm
39
Unused
55
Unused
8
Unused
24
Switchers 0
40
Unused
56
Unused
9
ACC 0
25
Switchers 1
41
Unused
57
Trim 0
10
ACC 1
26
Switchers 2
42
Unused
58
Trim 1
11
Unused
27
Switchers 3
43
ADC 0
59
Test 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com