Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 90 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 90 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 86Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 87Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 92Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 93Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 94Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 156 page
background image
Analog Integrated Circuit Device Data
90
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
BATTERY INTERFACE AND CONTROL
BUILDING BLOCKS AND FUNCTIONS
The battery management interface consists of several building blocks and functions as depicted in the block diagram shown
in the previous paragraph. These building blocks and functions are described below while the charger operation is described in
the next section.
CHARGE PATH REGULATOR
The M1 and M2 are permanently used as a combined pass device for a super regulator, with a programmable output voltage
and programmable current limit.
The voltage loop consists of M1, M2, and an amplifier with voltage feedback taken from the BPSNS pin. The value of the sense
resistor is of no influence on the output voltage. The output voltage is programmable by SPI through VCHRG[2:0] bits.
Table 62. Charge Path Regulator Voltage Settings
000
3.800
001
4.100
010
4.150
011 (default)
4.200
100
4.250
101
4.300
110
4.375
111
4.450
The current loop is composed of the M1 and M2 as control elements, the external sense resistor, a programmable current limit,
and an amplifier. The control loop will regulate the voltage drop over the external resistor. The value of the external resistor
therefore is of influence on the charge current. The charge current is programmable by SPI through ICHRG[3:0] bits. Each setting
corresponds to a common use case. Software controlled pulsed charging can be obtained by programming the current
periodically to zero.
Table 63. Charge Path Regulator Current Limit Settings
0000
0
Off
0001
80
Standalone Charging Default for
precharging, USB charging, and LPB
0010
240
0011
320
0100
400
Advised setting for USB charging with
PHY active
0101
480
0110
560
Standalone Charging Default
0111
640
1000
720
1001
800
1010
880
1011
960
1100
1040
1101
1200
High Current Charger
1110
1600
High Current Charger
1111
Fully On – M3
Open
Externally Powered
VCHRG[2:0]
Charge Regulator Output Voltage (V)
ICHRG[3:0]
Charge Regulator
Current Limit (mA)
Specific Use Case



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com