Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 99 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 99 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 95Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 96Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 97Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 98Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 99Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 100Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 101Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 102Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 103Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
99
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
ADC SUBSYSTEM
CONVERTER CORE
The ADC core is a 10 bit converter. The ADC core and logic run on 2/3 of the switcher PLL generated frequency, so
approximately 2.0 MHz. If an ADC conversion is requested while the PLL was not active, it will automatically be enabled by the
ADC. A 32.768 kHz equivalent time base is derived from this to the ADC time events. The ADC is supplied from VCORE. The
ADC core has an integrated auto calibration circuit which reduces the offset and gain errors.
The switcher PLL is programmable, see Supplies. When the switcher frequency is changed, the frequency applied to the ADC
converter will change accordingly. Although the conversion time is inversely proportional to the PLLX[2:0] setting, this will not
influence the ADC performance. The locally derived 32.768 kHz will remain constant in order not to influence the different timings
depending on this time base.
INPUT SELECTOR
The ADC has 8 input channels. Table 81 gives an overview of the attributes of the A to D channels.
Table 81. ADC Inputs
0
000
Battery Voltage (BATT)
0 – 4.8 V
/2
0 – 2.4 V
1
001
Battery Current
(BATT-BATTISNSCC)
-60 mV – 60 mV (70)
x20
-1.2 – 1.2 V
2
010
Application Supply (BPSNS)
0 – 4.8 V
/2
0 – 2.4 V
3
011
Charger Voltage (CHRGRAW)
0 – 12 V
0 – 20 V
/5
/10
0 – 2.4 V
0 – 2.4 V
4
100
Charger Current
(CHRGISNS-BPSNS)
-300 mV – 300 mV (71)
x4
-1.2 – 1.2 V
5
101
General Purpose ADIN5
(Battery Pack Thermistor)
0 – 2.4 V
x1
0 – 2.4 V
6
110
General Purpose ADIN6
Backup Voltage (LICELL)
0 – 2.4 V
0 – 3.6 V
x1
x2/3
0 – 2.4 V
0 – 2.4 V
7
111
General Purpose ADIN7/ADIN7B
0 – 2.4 V
x1
0 – 2.4 V
General Purpose ADIN7
0 – BP
/2
0 – 2.4 V
General Purpose ADIN7B
0 – VIOHI
/2
0 – 1.4 V
Die Temperature
–
–
1.2 – 2.4 V
UID
0 – 4.8 V
/2
0 – 2.4 V
Notes
70.
Equivalent to -3.0 to +3.0 A of current with a 20 mOhm sense resistor
71.
Equivalent to -3.0 to +3.0 A of current with a 100 mOhm sense resistor
The above table is valid when setting the bit ADSEL = 0 (default). If setting the bit to a 1, the touch screen interface related
inputs are mapped on the ADC channels 4 to 7 and channels 0 to 3 become unused. For more details see the touch screen
interface section.
Some of the internal signals are first scaled to adapt the signal range to the input range of the ADC. The charge current and
the battery current are indirectly read out by the voltage drop over the resistor in the charge path and battery path respectively.
For details on scaling see the dedicated readings section.
In case the source impedance is not sufficiently low on the directly accessible inputs ADIN5, ADIN6, ADIN7, and the muxed
GPO4 path, an on chip buffer can be activated through the BUFFEN bit. If this bit is set, the buffer will be active on these specific
inputs during an active conversion. Outside of the conversions the buffer is automatically disabled. The buffer will add some
offset, but will not impact INL and DNL numbers except for input voltages close to zero.
Channel
ADA1[2:0]
ADA2[2:0]
Signal read
Input Level
Scaling
Scaled Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com