Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 102 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 102 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 98Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 99Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 100Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 101Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 102Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 103Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 104Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 105Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 106Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 156 page
background image
Analog Integrated Circuit Device Data
102
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
The value of the sense resistor used, determines the accuracy of the result as well as the available conversion range. Note
that excessively high values can impact the operating life of the device due to extra voltage drop across the sense resistor.
Table 86. Battery Current Reading Specification
Amplifier Gain
19
20
21
Amplifier Offset
-2.0
-
2.0
mV
Sense Resistor
-
20
-
mOhm
CHANNEL 2 APPLICATION SUPPLY
The application supply voltage is read at the BP pin at channel 2. The battery voltage is first scaled as V(BP)/2 in order to fit
the input range of the ADC.
Table 87. Application Supply Voltage Reading Coding
1 111 111 111
2.400
4.800
1 000 010 101
1.250
2.500
0 000 000 000
0.000
0.000
CHANNEL 3 CHARGER VOLTAGE
The charger voltage is measured at the CHRGRAW pin at channel 3. The charger voltage is first scaled in order to fit the input
range of the ADC. If the CHRGRAWDIV bit is set to a 1 (default), then the scaling factor is a divide by 5, when set to a 0 a divide
by 10.
Table 88. Charger Voltage Reading Coding
1 101 010 100
2.000
20.000
10.000
0 000 000 000
0.000
0.000
0.000
CHANNEL 4 CHARGER CURRENT
The charge current is read by monitoring the voltage drop over the charge current sense resistor. This resistor is connected
between CHRGISNS and BPSNS. The voltage difference is first amplified to fit the ADC input range as V(CHRGISNS-BPSNS)*4.
The conversion is read out in a 2's complement format, see Table 89. The positive reading corresponds to the current flow from
charger to battery, the negative reading to the current flowing into the charger terminal. Unlike the battery current and voltage
readings, the charger current readings are not interleaved with the charger voltage readings, so when RAND = 1 a total of 8
readings are executed. The conversion circuit is enabled by setting the CHRGICON bit to a one. If the CHRGICON bit is not set,
the ADC will return a 0 reading for channel 4.
Table 89. Charge Current Reading Coding
0 111 111 111
1200
300.0
3000
To application/battery
0 000 000 001
2.4
0.586
5.865
To application/battery
0 000 000 000
0
0
0
-
1 111 111 111
-2.346
-0.586
5.865
To charger connection
1 000 000 000
-1200
-300.0
3000
To charger connection
The value of the sense resistor used determines not only the accuracy of the result as well as the available conversion range,
but also the charge current levels. It is therefore advised not to select another value than 100 mOhm.
Parameter
Condition
Min
Typ
Max
Units
Conversion Code
ADDn[9:0]
Voltage at input
ADC in V
Voltage at BP
in V
Conversion Code
ADDn[9:0]
Voltage at input
ADC in V
Voltage at CHGRAW in V,
CHRGRAWDIV = 0
Voltage at CHGRAW in V,
CHRGRAWDIV = 1
Conversion Code
ADDn[9:0]
Voltage at input
ADC in mV
CHRGISNS – BPSNS in mV
Current through
100 mOhm in mA
Current Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com