Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 103 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 103 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 99Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 100Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 101Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 102Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 103Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 104Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 105Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 106Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 107Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
103
13892
FUNCTIONAL DEVICE OPERATION
ADC SUBSYSTEM
CHANNEL 5 ADIN5 AND BATTERY THERMISTOR AND BATTERY DETECT
On channel 5, ADIN5 may be used as a general purpose unscaled input, but in a typical application, ADIN5 is used to read
out the battery pack thermistor. The thermistor will have to be biased with an external pull-up to a voltage rail greater than the
ADC input range. In order to save current when the thermistor reading is not required, it can be biased from one of the general
purpose IO's such as GPO1. A resistor divider network should assure the resulting voltage falls within the ADC input range in
particular when the thermistor check function is used, see Battery Thermistor Check Circuitry.
When the application is on and supplied by the charger, a battery removal can be detected by a battery thermistor presence
check. When the thermistor terminal becomes high-impedance, the battery is considered being removed. This detection function
is available at the ADIN5 input and can be enabled by setting the BATTDETEN bit. The voltage at ADIN5 is compared to the
output voltage of the GPO1 driver, and when the voltage exceeds the battery removal detect threshold, the sense bit
BATTDETBS is made high and after a debounce the BATTDETBI interrupt is generated.
Table 90. Battery Removal Detect Specification
Battery Removal Detect Threshold(72)
-
31/32 * GPO1
-
V
Notes
72.
This is equivalent to a 10 kOhm pull-up and a 10 kOhm thermistor at -35 °C.
CHANNEL 6 ADIN6 AND COIN CELL VOLTAGE
On channel 6, ADIN6 may be used as a general purpose unscaled input.
In addition, on channel 6, the voltage of the coin cell connected to the LICELL pin can be read (LICON=1). Since the voltage
range of the coin cell exceeds the input voltage range of the ADC, the LICELL voltage is first scaled as V(LICELL)*2/3. In case
the voltage at LICELL drops below the coin cell disconnect threshold (see Clock Generation and Real Time Clock), the voltage
at LICELL can still be read through the ADC.
Table 91. Coin Cell Voltage Reading Coding
1 111 111 111
2.400
3.6
1 000 000 000
1.200
1.8
0 000 000 000
0.000
0
CHANNEL 7 ADIN7 AND ADIN7B, UID AND DIE TEMPERATURE
On channel 7, ADIN7 may be used as a general purpose unscaled input (ADIN7DIV = 0) or as a divide by 2 scaled input
(ADIN7DIV = 1). The latter allows converting signals that are up to twice the ADC converter core input range. In a typical
application, an ambient light sensor is connected here.
A second general purpose input ADIN7B is available on channel 7. This input is muxed on the GPO4 pin. The input voltage
can be scaled by setting the ADIN7DIV bit. In the application, a second ambient light sensor is supposed to be connected here.
Note that the GPO4 will have to be configured to allow for the proper routing of GPO4 to the ADC, see General Purpose Outputs.
In addition, on channel 7, the voltage of the USB ID line connected to the UID pin can be read. Since the voltage range of the
ID line exceeds the input voltage range of the ADC, the UID voltage is first scaled as V(UID)/2.
Table 92. UID Voltage Reading Coding
1 111 111 111
2.400
4.80 - 5.25
0 000 000 000
0.000
0
Also on channel 7, the die temperature can be read out. The relation between the read out code and temperature is given in
Table 93.
Parameter
Condition
Min
Typ
Max
Units
Conversion Code
ADDn[9:0]
Voltage at ADC input (V)
Voltage at LICELL (V)
Conversion Code
ADDn[9:0]
Voltage at ADC input (V)
Voltage at UID (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com