Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 60Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 61Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 62Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 63Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 64Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 65Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 66Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 67Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 156 page
background image
Table 27. Power Up Sequence
0
SW2
SW2
1
SW4
VGEN2
2
VIOHI
SW4
3
VGEN2
VIOHI, VSD
4
SW1
SWBST, VUSB (44)
5
SW3
SW1
6
VPLL
VPLL
7
VDIG
SW3
8
-
VDIG
9
VUSB (43), VUSB2
VUSB2
Notes
41.
Time slots may be included for blocks which are defined by the PUMS pin as disabled to allow for
potential activation.
42.
The following supplies are not included in the matrix since they are not intended for activation by the
startup sequencer: VCAM, VGEN1, VGEN3, VVIDEO, and VAUDIO. SWBST is not included on the
PUMS2 = Open column.
43.
USB supply VUSB, is only enabled if 5.0 V is present on UVBUS.
44.
SWBST = 5.0 V powers up and so does VUSB regardless of 5.0 V present on UVBUS. By default
VUSB will be supplied by SWBST.
Analog Integrated Circuit Device Data
64
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
OPERATING MODES
POWER MONITORING
The voltage at BPSNS and BP is monitored by detectors as summarized in Table 28.
Table 28. BP Detection Thresholds
0
0
2.55
2.8
3.0
3.2
0
1
2.55
2.9
3.1
3.2
1
0
2.55
3.0
3.3
3.2
1
1
2.55
3.1
3.4
3.2
Notes
45.
Default setting for BPSNS[1:0] is 00. The above specified thresholds are ±50 mV accurate for the indicated edge. A hysteresis is applied
to the detectors on the order of 100 mV. BPON is monitoring BP. UVDET, LOBATL and LOBATH are monitoring BPSNS and thresholds
are correlated.
The UVDET and BPON thresholds are related to the power on/off events as described earlier in this chapter. The LOBATH
threshold is used as a weak battery warning. An interrupt LOBATHI is generated when crossing the threshold (dual edge). The
LOBATL threshold is used as a low battery detect. An interrupt LOBATLI is generated when dropping below the threshold. The
sense bits are coded in line with previous generation parts.
Table 29. Power Monitoring Summary
< LOBATL
0
0
1
LOBATL-LOBATH
0
0
0
LOBATH-BPON
0
1
0
>BPON
1
1
0
Tap x 2ms
PUMS2 = Open (I,MX37, i.MX51)
PUMS2 = GND (i.MX35, i.MX27)
Threshold in V
Bit setting
Falling Edge
Rising Edge
BPSNS1
BPSNS0
UVDET
LOBATL
LOBATH
BPON
BPSNS
BPONS
LOBATHS
LOBATLS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com