Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 25 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 25 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 25Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 26Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 27Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 28Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 29Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
25
13892
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 6. Dynamic Electrical Characteristics
Characteristics noted under conditions 3.1 V
≤ BATT ≤ 4.65 V, -40 ≤ T
A ≤ 85 °C, GND = 0 V, unless otherwise noted. Typical
values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
32 KHZ CRYSTAL OSCILLATOR
RTC oscillator start-up time
Upon application of power
tRTCST
-
-
1.0
Sec
CLK32K Rise and Fall Time - CL = 50 pF
CLK32KDRV[1:0] = 00 (default)
CLK32KDRV[1:0] = 01
CLK32KDRV[1:0] = 10
CLK32KDRV[1:0] = 11
tCLK32KET
-
-
-
-
22
11
High Z
44
-
-
-
-
ns
CLK32KMCU Rise and Fall Time
CL = 12 pF
tCLK32KMCUET
-
22
-
ns
CLK32K and CLK32KMCU Output Duty Cycle
Crystal on XTAL1, XTAL2 pins
tCLK32KDC,
tCLK32KMCUDC
45
-
55
%
CLK AND MISO
MISO Rise and Fall Time, CL = 50 pF, SPIVCC = 1.8 V
SPIDRV [1:0] = 00 (default)
SPIDRV [1:0] = 01
SPIDRV [1:0] = 10
SPIDRV [1:0] = 11
tMISOET
-
-
-
-
11
6.0
High Z
22
-
-
-
-
ns
BUCK CONVERTERS
Turn-on Time, Enable to 90% of end value, IL = 0
tONPWM
-
-
500
µs
SWBST
Turn-on Time
Enable to 90% of VOUT, IL = 0
tONBST
-
-
2.0
ms
Transient Load Response, IL from 1.0 mA to 100 mA in 1.0 µs steps
Maximum transient Amplitude
Time to settle 80% of transient
ATMAX
-
-
-
-
300
500
mV
µs
Transient Load Response, IL from 100 mA to 1.0 mA
Maximum transient Amplitude
Time to settle 80% of transient
ATMAX
-
-
-
-
300
20
mV
µs
VVIDEO ACTIVE MODE - AC
PSRR - IL = 75% of ILMAX, 20 Hz to 20 kHz
VIN = VINMIN + 100 mV
VIN = VNOM + 1.0 V
VVIDEOPSSR
35
50
40
60
-
-
dB
Max Output Noise - VIN = VINMIN, IL = 75% of ILMAX
100 Hz – 1.0 kHz
>1.0 kHz – 10 kHz
>10 kHz – 1.0 MHz
VVIDEOON
-
-
-
-114
-124
-129
-
-
-
dBV/
√Hz
Turn-on Time
Enable to 90% of end value, VIN = VINMIN, VINMAX, IL = 0
VVIDEOtON
-
-
1.0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com