Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 92 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 92 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 88Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 89Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 90Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 91Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 92Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 93Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 94Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 95Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 96Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 156 page
background image
Analog Integrated Circuit Device Data
92
Freescale Semiconductor
13892
FUNCTIONAL DEVICE OPERATION
BATTERY INTERFACE AND CONTROL
POWER DISSIPATION
Since the charge path operates in a linear fashion, the dissipation can be significant and care must be taken to ensure that
the external pass FETs M1 and M2 are not over dissipating when charging. By default, the charge system will protect against
this by a built-in power limitation circuit. This circuit will monitor the voltage drop between CHRGRAW and CHRGISNS, and the
current through the external sense resistor connected between CHRGISNS and BPSNS. When required,.a duty cycle is applied
to the M1 and M2 drivers and thus the charge current, in order to stay within the power budget. At the same time M3 is forced to
conduct to keep the application powered. In case of excessive supply conditions, the power limiter minimum duty cycle may not
be sufficiently small to maintain the actual power dissipation within budget. In that case, the charge path will be disabled and the
CHGFAULTI interrupt generated with the CHGFAULTS[1:0] bits set to 01.
The power budget can be programmed by SPI through the PLIM[1:0] bits. The power dissipation limiter can be disabled by
setting the PLIMDIS bit. In this case, it is advised to use close software control to estimate the dissipated power in the external
pass FETs. The power limiter is automatically disabled in serial path factory mode and in reverse mode.
Since a charger attachment can be a Turn-on event when a product is initially in the Off state, any non-default settings that
are intended for PLIM[1:0] and PLIMDIS, should be programmed early in the configuration sequence, to ensure proper supply
conditions adapted to the application. To avoid any false detection during power up, the power limiter output is blanked at the
start of the charge cycle. As a safety precaution though, the power dissipation is monitored and the desired duty cycle is
estimated. When this estimated duty cycle falls below the power limiter minimum duty cycle, the charger circuit will be disabled.
Table 66. Charger Power Dissipation Limiter Control
00 (default)
600
01
800
10
1000
11
1200
Table 67. Charger Power Dissipation Limiter Characteristics
Power Limiter Accuracy
Up to 2x the power set by PLIM[1:0]
-
-
15
%
Power Limiter Control Period
-
500
-
ms
Power Limiter Blanking Period
Upon charging enabling
-
1500
-
ms
Power Limiter Minimum Duty Cycle
-
10
-
%
REVERSE SUPPLY MODE
The battery voltage can be applied to an external accessory via the charge path, by setting the RVRSMODE bit high. The
current through the accessory supply path is monitored via the charge path sense resistor R2, and can be read out via the ADC.
The accessory supply path is disabled and an interrupt CHGSHORTI is generated when the slow or fast threshold is crossed.
The reverse path is disabled when a current reversal occurs and an interrupt CHREVI is generated.
Table 68. Accessory Supply Main Characteristics
Short-circuit Current Slow Threshold
500
-
-
mA
Slow Threshold Debounce Time
-
1.0
-
ms
Short-circuit Current Fast Threshold
-
-
1840
mA
Fast Threshold Debounce Time
-
100
-
μs
Current Reversal Threshold
Current from Accessory
-
CHGCURR
-
mA
PLIM[1:0]
Power Limit (mW)
Parameter
Condition
Min
Typ
Max
Units
Parameter
Condition
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com