Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 137 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 137 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 133Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 134Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 135Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 136Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 137Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 138Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 139Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 140Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 141Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 156 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
137
13892
SPI BITMAP
Unused
15
R
0
Not available
Unused
16
R
0
Unused
17
R
0
Unused
18
R
0
Unused
19
R
0
Unused
20
R
0
Unused
21
R
0
Unused
22
R
0
SW4HI
23
R/W
NONE
*
SW4 output range selection
Table 140. Register 28, Switchers 4
Name
Bit #
R/W
Reset
Default
Description
SW1MODE0
0
R/W
RESETB
0
SW1 operating mode
SW1MODE1
1
R/W
RESETB
1
SW1MODE2
2
R/W
RESETB
0
SW1MODE3
3
R/W
RESETB
1
SW1MHMODE
4
R/W
OFFB
0
SW1 Memory Hold mode
SW1UOMODE
5
R/W
OFFB
0
SW1 User Off mode
SW1DVSSPEED0
6
R/W
RESETB
1
SW1 DVS speed setting
SW1DVSSPEED1
7
R/W
RESETB
0
SIDEN
8
R/W
RESETB
0
SID mode enable
Reserved
9
R
0
For future use
SW2MODE0
10
R/W
RESETB
0
SW2 operating mode
SW2MODE1
11
R/W
RESETB
1
SW2MODE2
12
R/W
RESETB
0
SW2MODE3
13
R/W
RESETB
1
SW2MHMODE
14
R/W
OFFB
0
SW2 Memory Hold mode
SW2UOMODE
15
R/W
OFFB
0
SW2 User Off mode
SW2DVSSPEED0
16
R/W
RESETB
1
SW2 DVS speed setting
SW2DVSSPEED1
17
R/W
RESETB
0
PLLEN
18
R/W
RESETB
0
Switcher PLL enable
PLLX0
19
R/W
RESETB
0
Switcher PLL multiplication factor
PLLX1
20
R/W
RESETB
0
PLLX2
21
R/W
RESETB
1
SWILIMB
22
R/W
RESETB
0
Switcher current limit disable
Reserved
23
R
0
For future use
Notes
85.
SWxMODE[3:0] bits will be reset to their default values by the startup sequencer based on PUMS settings. An enabled switcher will
default to PWM mode (no pulse skipping) for both Normal and Standby operation.
Table 141. Register 29, Switchers 5
Name
Bit #
R/W
Reset
Default
Description
SW3MODE0
0
R/W
RESETB
0
SW3 operating mode
SW3MODE1
1
R/W
RESETB
1
SW3MODE2
2
R/W
RESETB
0
SW3MODE3
3
R/W
RESETB
1
SW3MHMODE
4
R/W
OFFB
0
SW3 Memory Hold mode
SW3UOMODE
5
R/W
OFFB
0
SW3 User Off mode
Table 139. Register 27, Switchers 3
Name
Bit #
R/W
Reset
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com