Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13892 Datasheet(PDF) 150 Page - Freescale Semiconductor, Inc

Part # 13892
Description  Power Management and User Interface IC
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13892 Datasheet(HTML) 150 Page - Freescale Semiconductor, Inc

Back Button 13892 Datasheet HTML 146Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 147Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 148Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 149Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 150Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 151Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 152Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 153Page - Freescale Semiconductor, Inc 13892 Datasheet HTML 154Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 150 / 156 page
background image
Analog Integrated Circuit Device Data
150
Freescale Semiconductor
13892
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 35 contains a typical application of the MC13892. For convenience, components for use with the 13892 are cited within
this document. Freescale does not assume liability, endorse, or warrant components from external manufacturers that are
referenced in circuit drawings or tables. While Freescale offers component recommendations in this configuration, it is the
customer’s responsibility to validate their application.
TSY1
TSY2
BP
Switchers
ADTRIG
GNDADC
ADIN7
MUX
10 Bit GP
ADC
LICELL
GPO
Control
RTC +
Calibration
GNDSW2
SW2FB
SW2OUT
SW1IN
SW1
1050 mA
Buck
SW2IN
O/P
Drive
GNDSW1
SW1FB
SW1OUT
SW3IN
O/P
Drive
GNDSW3
SW3FB
SW3OUT
GNDSWBST
SWBSTFB
SWBSTIN
SWBSTOUT
O/P
Drive
Monitor
Timer
O/P
Drive
PLL
32 KHz
Crystal
Osc
PWGTDRV1
PWR Gate
Drive & Chg
Pump
To Interrupt
Section
Die Temp &
Thermal Warning
Detection
LCELL
Switch
Enables &
Control
SPI Result
Registers
Interrupt
Inputs
Core Control Logic, Timers, & Interrupts
32 KHz
Internal
Osc
Battery Interface &
Protection
LICELL, UID, Die Temp, GPO4
ADIN6
GNDREG1
GNDREG2
DVS2
DVS1
ADIN5
A/D Result
A/D
Control
Trigger
Handling
DVS
CONTROL
32 KHz
Buffers
Output Pin
Input Pin
Bi-directional Pin
Package Pin Legend
MC13892
IC
Charger Interface and Control:
4 bit DAC, Clamp, Protection,
Trickle Generation
PWGTDRV2
SPI
Interface
+
Muxed
I2C
Optional
Interface
CS
CLK
GNDSPI
MISO
SPI
Registers
MOSI
Shift Register
Shift Register
SPIVCC
To Enables & Control
To
Trimmed
Circuits
SPI
Control
Logic
Trim-In-Package
Startup
Sequencer
Decode
Trim?
PUMS
Control
Logic
Li Cell
Charger
SW2
800 mA
Buck
SW3
800 mA
Buck
SWBST
300 mA
Boost
Voltage /
Current
Sensing &
Translation
Backlight
LED Drive
MC13892
TSX2
TSX1
TSREF
Touch
Screen
Interface
Coulomb
Counter
CFP
CFM
BATTISNSCC
BATT
CCOUT
To SPI
SW4IN
O/P
Drive
GNDSW4
SW4FB
SW4OUT
SW4
800 mA
Buck
VSRTC
Tri-Color
LED Drive
VINDIG
VPLL
VVIOHI
Pass
FET
VPLL
Pass
FET
VDIG
Pass
FET
VGEN1
VDIG
VINIOHI
VIOHI
VGEN1DRV
VGEN1
VCAM
Pass
FET
VINCAMDRV
VCAM
VSDDRV
VSD
Pass
FET
VUSB2
VVIDEODRV
VVIDEO
VVIDEO
VINUSB2
VUSB2
SPI Control
VGEN2
VGEN2DRV
VGEN2
VSD
UVBUS
VINUSB
VUSB
UID
Best
of
Supply
VGEN3
VINGEN3DRV
VGEN3
Reference
Generation
VCOREDIG
GNDCORE
VCORE
REFCORE
VBUS/ID
Detectors
VUSB
Regulator
OTG
5V
VBUSEN
VAUDIO
Pass
FET
VAUDIO
32.768 KHz
Crystal
18p
18p
To GND,
Open,
VCOREDIG
or VCORE
To/From
AP
On/Off
Button
To/From
Peripherals
To/From
AP
2.2u
2.2u
BP
2.2u
2.2u
2.2u
BP
2.2u
BP
BP
2.2u
BP
BP
BP
2.2u
2.2u
BP
2.2u
BP
2.2u
BP
10u
SWBST
Output
(Boost)
2.2u
From AP
From AP
1.5u
2 x22u
BP
SW1
Output
2.2u
10u
SW2
Output
10u
SW3
Output
2.2u
10u
2.2u
SW4
Output
SW4
To Memory
To 1.8V
Peripherals
SW3
Processor
Internal
Memory
To 1.2V
Peripherals
User Off
User Off, Memory Hold
SWBST
From Extenal Boost
AP CSPI
General Purpose ADC Inputs:
i.e., Battery pack thermistor,
PA thermistor, Light Sensor, Etc.
SW4
From AP
Touch
Screen
Interface
Charger/USB Input
(Tied to VBUS)
BP
R1
20m
R2
100m
M3
M2
M1
2.2u
10u
10u
100n
2.2u
10uF
CHRGRAW
ID
From AP
SWBST
2.2u
100n
Coin Cell
Battery
Main
Battery
GNDREG3
BP
VIINAUDIO
BP
VINPLL
Tied to
BATTISNSCC
From M3/R1 connection
(needs to be separate route from
BATTISNS)
Pass
FET
2.2u
To/From
USB Cable
1.0u
BP
4.7u
BP
4.7u
BP
4.7u
BP
4.7u
4.7u
Figure 35. 13892 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com