Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 109 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 109 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 105Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 113Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 173 page
background image
Analog to Digital Converter
The need to interface to real world analog signals is a common requirement for many electronic
systems. However, to properly process these signals by a microcontroller, they must first be converted
into digital signals by A/D converters. By integrating the A/D conversion electronic circuitry into the
microcontroller, the need for external components is reduced significantly with the corresponding
follow-on benefits of lower costs and reduced component space requirements.
A/D Overview
The devices contain a multi-channel analog to digital converter which can directly interface to external
analog signals, such as that from sensors or other control signals and convert these signals directly into
a 12-bit digital value.
The accompanying block diagram shows the overall internal structure of the A/D converter, together
with its associated registers.
A/D Converter Register Description
Overall operation of the A/D converter is controlled using six registers. A read only register pair exists
to store the ADC data 12-bit value. The remaining three or four registers are control registers which
setup the operating and control function of the A/D converter.
Register
Name
Bit
76543210
ADRL(ADRFS=0)
D3
D2
D1
D0
¾¾¾¾
ADRL(ADRFS=1)
D7
D6
D5
D4
D3
D2
D1
D0
ADRH(ADRFS=0)
D11
D10
D9
D8
D7
D6
D5
D4
ADRH(ADRFS=1)
¾¾¾¾
D11
D10
D9
D8
ADCR0
START
EOCB
ADOFF
ADRFS
¾¾
ACS1
ACS0
ADCR1
ACS4
V125EN
¾
VREFS
¾
ADCK2
ADCK1
ADCK0
ACER
¾¾¾¾
ACE3
ACE2
ACE1
ACE0
A/D Converter Register List
Rev. 1.10
109
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
A / D C o n v e r t e r
P A 0 / A N 0
P A 1 / A N 1
P A 2 / A N 2
P A 3 / A N 3
A / D R e f e r e n c e V o l t a g e
A D R L
A D R H
A / D D a t a
R e g i s t e r s
V 1 2 5 E N
S T A R T
E O C B
A D O F F
V S S
P B 0 / V R E F
A D C K 2 ~ A D C K 0
f S Y S
A C E 3 ~ A C E 0
A C S 4 ,
1 . 2 5 V
A / D C l o c k
V D D
A D O F F
B i t
V R E F S
B i t
A D R F S
b i t
¸ 2 N
( N = 0 ~ 6 )
A/D Converter Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com