Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 110 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 110 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 106Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 107Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 108Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 109Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 114Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 173 page
background image
A/D Converter Data Registers
- ADRL, ADRH
As the devices contain an internal 12-bit A/D converter, they require two data registers to store the
converted value. These are a high byte register, known as ADRH, and a low byte register, known as
ADRL. After the conversion process takes place, these registers can be directly read by the
microcontroller to obtain the digitised conversion value. As only 12 bits of the 16-bit register space is
utilised, the format in which the data is stored is controlled by the ADRFS bit in the ADCR0 register as
shown in the accompanying table. D0~D11 are the A/D conversion result data bits. Any unused bits
will be read as zero.
ADRFS
ADRH
ADRL
7654321076543210
0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0000
1
0000
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
A/D Data Registers
A/D Converter Control Registers
- ADCR0, ADCR1, ACER
To control the function and operation of the A/D converter, three control registers known as ADCR0,
ADCR1 and ACER are provided. These 8-bit registers define functions such as the selection of which
analog channel is connected to the internal A/D converter, the digitised data format, the A/D clock
source as well as controlling the start function and monitoring the A/D converter end of conversion
status. The ACS1~ACS0 bits in the ADCR0 register and ACS4 bit is the ADCR1 register define the
ADC input channel number. As the device contains only one actual analog to digital converter
hardware circuit, each of the individual 4 analog inputs must be routed to the converter. It is the
function of the ACS4 and ACS1~ACS0 bits to determine which analog channel input pins or internal
1.25V is actually connected to the internal A/D converter.
The ACER control register contains the ACER3~ACER0 bits which determine which pins on
PA0~PA3 are used as analog inputs for the A/D converter input and which pins are not to be used as the
A/D converter input. Setting the corresponding bit high will select the A/D input function, clearing the
bit to zero will select either the I/O or other pin-shared function. When the pin is selected to be an A/D
input, its original function whether it is an I/O or other pin-shared function will be removed. In
addition, any internal pull-high resistors connected to these pins will be automatically removed if the
pin is selected to be an A/D input.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
110
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com