Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 114 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 114 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 110Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 117Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 118Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 173 page
background image
fSYS
A/D Clock Period (tADCK)
ADCK2,
ADCK1,
ADCK0
= 000
(fSYS)
ADCK2,
ADCK1,
ADCK0
= 001
(fSYS/2)
ADCK2,
ADCK1,
ADCK0
= 010
(fSYS/4)
ADCK2,
ADCK1,
ADCK0
=011
(fSYS/8)
ADCK2,
ADCK1,
ADCK0
= 100
(fSYS/16)
ADCK2,
ADCK1,
ADCK0
= 101
(fSYS/32)
ADCK2,
ADCK1,
ADCK0
=110
(fSYS/64)
ADCK2,
ADCK1,
ADCK0
= 111
1MHz
1
ms2ms4ms8ms16ms32ms64ms
Undefined
2MHz
500ns
1
ms2ms4ms8ms16ms32ms
Undefined
4MHz
250ns*
500ns
1
ms2ms4ms8ms16ms
Undefined
8MHz
125ns*
250ns*
500ns
1
ms2ms4ms8ms
Undefined
12MHz
83ns*
167ns*
333ns*
667ns
1.33
ms
2.67
ms
5.33
ms
Undefined
A/D Clock Period Examples
Controlling the power on/off function of the A/D converter circuitry is implemented using the ADOFF
bit in the ADCR0 register. This bit must be zero to power on the A/D converter. When the ADOFF bit is
cleared to zero to power on the A/D converter internal circuitry a certain delay, as indicated in the timing
diagram, must be allowed before an A/D conversion is initiated. Even if no pins are selected for use as
A/D inputs by clearing the ACE3~ACE0 bits in the ACER register, if the ADOFF bit is zero then some
power will still be consumed. In power conscious applications it is therefore recommended that the
ADOFF is set high to reduce power consumption when the A/D converter function is not being used.
The reference voltage supply to the A/D Converter can be supplied from either the positive power
supply pin, VDD, or from an external reference sources supplied on pin VREF. The desired selection is
made using the VREFS bit. As the VREF pin is pin-shared with other functions, when the VREFS bit
is set high, the VREF pin function will be selected and the other pin functions will be disabled
automatically.
A/D Input Pins
All of the A/D analog input pins are pin-shared with the I/O pins on PA3~PA0 as well as other functions.
The ACE3~ ACE0 bits in the ACER register determines whether the input pins are setup as A/D converter
analog inputs or whether they have other functions. If the ACE3~ ACE0 bits for its corresponding pin is set
high then the pin will be setup to be an A/D converter input and the original pin functions disabled. In this
way, pins can be changed under program control to change their function between A/D inputs and other
functions. All pull-high resistors, which are setup through register programming, will be automatically
disconnected if the pins are setup as A/D inputs. Note that it is not necessary to first setup the A/D pin as an
input in the PAC port control register to enable the A/D input as when the ACE3~ ACE0 bits enable an A/D
input, the status of the port control register will be overridden.
The A/D converter has its own reference voltage pin VREF however the reference voltage can also be
supplied from the power supply pin, a choice which is made through the VREFS bit in the ADCR1
register. The analog input values must not be allowed to exceed the value of VREF.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
114
February 9, 2011
P A 0 / A N 0
P A 3 / A N 3
1 . 2 5 V
V 1 2 5 E N
B u f f e r
P B 0 / V R E F
V D D
V R E F S
V R E F
1 2 - b i t A D C
B a n d g a p
R e f e r e n c e
V o l t a g e
I n p u t V o l t a g e
A C S 4 , A C S 1 , A C S 0
A/D Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com