Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 115 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 115 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 111Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 112Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 113Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 114Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 115Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 116Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 117Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 118Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 119Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 173 page
background image
Summary of A/D Conversion Steps
The following summarises the individual steps that should be executed in order to implement an A/D
conversion process.
· Step 1
Select the required A/D conversion clock by correctly programming bits ADCK2~ADCK0 in the
ADCR1 register.
· Step 2
Enable the A/D by clearing the ADOFF bit in the ADCR0 register to zero.
· Step 3
Select which channel is to be connected to the internal A/D converter by correctly programming the
ACS4 and ACS1~ACS0 bits which are also contained in the ADCR1 and ADCR0 registers.
· Step 4
Select which pins are to be used as A/D inputs and configure them by correctly programming the
ACE11~ACE0 bits in the ACERH and ACERL registers.
· Step 5
If the interrupts are to be used, the interrupt control registers must be correctly configured to ensure
the A/D converter interrupt function is active. The master interrupt control bit, EMI, and the A/D
converter interrupt bit, ADE, must both be set to high to do this.
· Step 6
The analog to digital conversion process can now be initialised by setting the START bit in the
ADCR0 register from low to high and then to low again. Note that this bit should have been
originally cleared to 0.
· Step 7
To check when the analog to digital conversion process is complete, the EOCB bit in the ADCR0
register can be polled. The conversion process is complete when this bit goes low. When this occurs,
the A/D data registers ADRL and ADRH can be read to obtain the conversion value. As an
alternative method if the interrupts are enabled and the stack is not full, the program can wait for an
A/D interrupt to occur.
Note: When checking for the end of the conversion process, if the method of polling the EOCB bit in
the ADCR register is used, the interrupt enable step above can be omitted.
Rev. 1.10
115
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com