Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 122 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 122 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 118Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 119Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 126Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 173 page
background image
INTC1 Register
- HT66F13
Bit
76543210
Name
LVF
TBF
ADF
T1AF
LVE
TBE
ADE
T1AE
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
LVF: LVD Interrupt request flag
0: no request
1: interrupt request
Bit 6
TBF: Time Base Interrupt request flag
0: no request
1: interrupt request
Bit 5
ADF: A/D Converter interrupt request flag
0: no request
1: interrupt request
Bit 4
T1AF: TM1 Comparator A match Interrupt request flag
0: no request
1: interrupt request
Bit 3
LVE: LVD interrupt control
0: disable
1: enable
Bit 2
TBE: Time Base interrupt control
0: disable
1: enable
Bit 1
ADE: A/D Converter interrupt control
0: disable
1: enable
Bit 0
T1AE: TM1 Comparator A match Interrupt control
0: disable
1: enable
INTC1 Register
- HT66F14/HT66F15
Bit
76543210
Name
LVF
TBF
ADF
MF1F
LVE
TBE
ADE
MF1E
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
LVF: LVD Interrupt request flag
0: no request
1: interrupt request
Bit 6
TBF: Time Base Interrupt request flag
0: no request
1: interrupt request
Bit 5
ADF: A/D Converter interrupt request flag
0: no request
1: interrupt request
Bit 4
MF1F: Multi-function 1 Interrupt request flag
0: no request
1: interrupt request
Bit 3
LVE: LVD interrupt control
0: disable
1: enable
Bit 2
TBE: Time Base interrupt control
0: disable
1: enable
Bit 1
ADE: A/D Converter interrupt control
0: disable
1: enable
Bit 0
MF1E: Multi-function 1 Interrupt control
0: disable
1: enable
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
122
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com