Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 124 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 124 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 120Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 121Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 122Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 123Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 128Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 173 page
background image
MFI1 Register
- HT66F15
Bit
76543210
Name
¾
T1BF
T1AF
T1PF
¾
T1BE
T1AE
T1PE
R/W
¾
R/W
R/W
R/W
¾
R/W
R/W
R/W
POR
¾
000
¾
000
Bit 7
unimplemented, read as
²0²
Bit 6
T1BF: TM1 Comparator B match Interrupt request flag
0: no request
1: interrupt request
Bit 5
T1AF: TM1 Comparator A match interrupt request flag
0: no request
1: interrupt request
Bit 4
T1PF: TM1 Comparator P match interrupt request flag
0: no request
1: interrupt request
Bit 3
unimplemented, read as
²0²
Bit 2
T1BE: TM1 Comparator B match interrupt control
0: disable
1: enable
Bit 1
T1AE: TM1 Comparator A match interrupt control
0: disable
1: enable
Bit 0
T1PE: TM1 Comparator P match interrupt control
0: disable
1: enable
Interrupt Operation
When the conditions for an interrupt event occur, such as a TM Comparator P, Comparator A or
Comparator B match or A/D conversion completion, etc., the relevant interrupt request flag will be set.
Whether the request flag actually generates a program jump to the relevant interrupt vector is
determined by the condition of the interrupt enable bit. If the enable bit is set high then the program
will jump to its relevant vector; if the enable bit is zero then although the interrupt request flag is set an
actual interrupt will not be generated and the program will not jump to the relevant interrupt vector.
The global interrupt enable bit, if cleared to zero, will disable all interrupts.
When an interrupt is generated, the Program Counter, which stores the address of the next instruction
to be executed, will be transferred onto the stack. The Program Counter will then be loaded with a new
address which will be the value of the corresponding interrupt vector. The microcontroller will then
fetch its next instruction from this interrupt vector. The instruction at this vector will usually be a
²JMP² which will jump to another section of program which is known as the interrupt service routine.
Here is located the code to control the appropriate interrupt. The interrupt service routine must be
terminated with a
²RETI², which retrieves the original Program Counter address from the stack and
allows the microcontroller to continue with normal execution at the point where the interrupt occurred.
The various interrupt enable bits, together with their associated request flags, are shown in the
accompanying diagrams with their order of priority. Some interrupt sources have their own individual
vector while others share the same multi-function interrupt vector. Once an interrupt subroutine is
serviced, all the other interrupts will be blocked, as the global interrupt enable bit, EMI bit will be
cleared automatically. This will prevent any further interrupt nesting from occurring. However, if other
interrupt requests occur during this interval, although the interrupt will not be immediately serviced,
the request flag will still be recorded.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
124
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com