Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 128 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 128 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 124Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 125Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 126Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 132Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 173 page
background image
TBC Register
Bit
76543210
Name
TBON
TBCK
TB1
TB0
¾¾¾¾
R/W
R/W
R/W
R/W
R/W
¾¾¾¾
POR
0011
¾¾¾¾
Bit 7
TBON: Time Base control
0: disable
1: enable
Bit 6
TBCK: Time Base clock f
TB selection
0: f
TBC
1: f
SYS/4
Bit 5~4
TB1~TB0: Select Time Base Time-out Period
00: 4096/f
TB
01: 8192/f
TB
10: 16384/f
TB
11: 32768/f
TB
Bit 3~0
unimplemented, read as
²0²
LVD Interrupt
The Low Voltage Detector Interrupt is contained within the Multi-function Interrupt. A LVD Interrupt
request will take place when the LVD Interrupt request flag, LVF, is set, which occurs when the Low
Voltage Detector function detects a low power supply voltage. To allow the program to branch to its
respective interrupt vector address, the global interrupt enable bit, EMI, Low Voltage Interrupt enable
bit, LVE, and associated Multi-function interrupt enable bit, must first be set. When the interrupt is
enabled, the stack is not full and a low voltage condition occurs, a subroutine call to the Multi-function
Interrupt vector, will take place. When the Low Voltage Interrupt is serviced, the EMI bit will be
automatically cleared to disable other interrupts, however only the Multi-function interrupt request
flag will be also automatically cleared. As the LVF flag will not be automatically cleared, it has to be
cleared by the application program.
TM Interrupts
The Compact and Standard Type TMs have two interrupts each, while the Enhanced Type TM has
three interrupts. All of the TM interrupts are contained within the Multi-function Interrupts in these
devices except HT66F13. For each of the Compact and Standard Type TMs there are two interrupt
request flags TnPF and TnAF and two enable bits TnPE and TnAE. For the Enhanced Type TM there
are three interrupt request flags TnPF, TnAF and TnBF and three enable bits TnPE, TnAE and TnBE.
A TM interrupt request will take place when any of the TM request flags are set, a situation which
occurs when a TM comparator P, A or B match situation happens.
To allow the program to branch to its respective interrupt vector address, the global interrupt enable
bit, EMI, respective TM Interrupt enable bit, and relevant Multi-function Interrupt enable bit, MFnE,
must first be set. When the interrupt is enabled, the stack is not full and a TM comparator match
situation occurs, a subroutine call to the relevant Multi-function Interrupt vector locations, will take
place. When the TM interrupt is serviced, the EMI bit will be automatically cleared to disable other
interrupts, however only the related MFnF flag will be automatically cleared. As the TM interrupt
request flags will not be automatically cleared, they have to be cleared by the application program.
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU
Rev. 1.10
128
February 9, 2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com