Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 131 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 131 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 127Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 128Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 135Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 173 page
background image
If the system is woken up by an interrupt, then two possible situations may occur. The first is where the
related interrupt is disabled or the interrupt is enabled but the stack is full, in which case the program
will resume execution at the instruction following the HALT instruction. In this situation, the interrupt
which woke-up the device will not be immediately serviced, but will rather be serviced later when the
related interrupt is finally enabled or when a stack level becomes free. The other situation is where the
related interrupt is enabled and the stack is not full, in which case the regular interrupt response takes
place. If an interrupt request flag is set high before entering the SLEEP or IDLE Mode, the wake-up
function of the related interrupt will be disabled.
Low Voltage Detector
- LVD
Each device has a Low Voltage Detector function, also known as LVD. This enabled the device to
monitor the power supply voltage, VDD, and provide a warning signal should it fall below a certain
level. This function may be especially useful in battery applications where the supply voltage will
gradually reduce as the battery ages, as it allows an early warning battery low signal to be generated.
The Low Voltage Detector also has the capability of generating an interrupt signal.
LVD Register
The Low Voltage Detector function is controlled using a single register with the name LVDC. Three
bits in this register, VLVD2~VLVD0, are used to select one of eight fixed voltages below which a low
voltage condition will be determined. A low voltage condition is indicated when the LVDO bit is set. If
the LVDO bit is low, this indicates that the VDD voltage is above the preset low voltage value. The
LVDEN bit is used to control the overall on/off function of the low voltage detector. Setting the bit high
will enable the low voltage detector. Clearing the bit to zero will switch off the internal low voltage
detector circuits. As the low voltage detector will consume a certain amount of power, it may be
desirable to switch off the circuit when not in use, an important consideration in power sensitive
battery powered applications.
LVDC Register
Bit
76543210
Name
¾¾
LVDO
LVDEN
¾
VLVD2
VLVD1
VLVD0
R/W
¾¾
R
R/W
¾
R/W
R/W
R/W
POR
¾¾
00
¾
000
Bit 7~6
unimplemented, read as
²0²
Bit 5
LVDO: LVD Output Flag
0: no low voltage detect
1: low voltage detect
Bit
LVDEN: low voltage detector control
0: disable
1: enable
Bit 3
unimplemented, read as
²0²
Bit 2~0
VLVD2 ~ VLVD0: select LVD voltage
000: 2.0V
001: 2.2V
010: 2.4V
011: 2.7V
100: 3.0V
101: 3.3V
110: 3.6V
111: 4.4V
Rev. 1.10
131
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com