Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 133 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 133 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 129Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 130Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 131Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 132Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 137Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 173 page
background image
The SCOMEN bit in the SCOMC register is the overall master control for the LCD driver; however
this bit is used in conjunction with the COMnEN bits to select which Port C pins are used for LCD
driving. Note that the Port Control register does not need to first setup the pins as outputs to enable the
LCD driver operation.
SCOMEN
COMnEN
Pin Function
O/P Level
0
X
I/O
0or1
1
0
I/O
0or1
1
1
SCOMn
VDD/2
Output Control
LCD Bias Control
The LCD COM driver enables a range of selections to be provided to suit the requirement of the LCD
panel which is being used. The bias resistor choice is implemented using the ISEL1 and ISEL0 bits in
the SCOMC register.
SCOMC Register
Bit
76543210
Name
D7
ISEL1
ISEL0
SCOMEN
COM3EN
COM2EN
COM1EN
COM0EN
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
Reserved Bit
0: Correct level - bit must be reset to zero for correct operation
1: Unpredictable operation - bit must not be set high
Bit 6~5
ISEL1, ISEL0: ISEL1 ~ ISEL0: Select SCOM typical bias current (V
DD=5V)
00: 25
mA
01: 50
mA
10: 100
mA
11: 200
mA
Bit 4
SCOMEN: SCOM module control
0: disable
1: enable
Bit 3
COM3EN: GPIO or SCOM3 selection
0: GPIO
1: SCOM3
Bit 2
COM2EN: GPIO or SCOM2 selection
0: GPIO
1: SCOM2
Bit 1
COM1EN: GPIO or SCOM1 selection
0: GPIO
1: SCOM1
Bit 0
COM0EN: GPIO or SCOM0 selection
0: GPIO
1: SCOM0
Rev. 1.10
133
February 9, 2011
HT66F13/HT66F14/HT66F15
Enhanced A/D Flash Type MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com