Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 133Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 134Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 135Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 136Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 173 page
background image
InstructionSetSummary
The following table depicts a summary of the instruction set categorised according to function and can
be consulted as a basic instruction reference using the following listed conventions.
Table conventions:
x: Bits immediate data
m: Data Memory address
A: Accumulator
i: 0~7 number of bits
addr: Program memory address
Mnemonic
Description
Cycles
FlagAffected
Arithmetic
ADDA,[m]
ADDM A,[m]
ADDA,x
ADCA,[m]
ADCM A,[m]
SUBA,x
SUBA,[m]
SUBM A,[m]
SBC A,[m]
SBCM A,[m]
DAA [m]
AddDataMemoryto ACC
Add ACC toDataMemory
Addimmediatedatato ACC
AddDataMemoryto ACC withCarry
Add ACC toDatamemorywithCarry
Subtractimmediatedatafromthe ACC
SubtractDataMemoryfrom ACC
SubtractDataMemoryfrom ACC withresultinDataMemory
SubtractDataMemoryfrom ACC withCarry
SubtractDataMemoryfrom ACC withCarry,resultinDataMemory
Decimaladjust ACC forAdditionwithresultinDataMemory
1
1
Note
1
1
1
Note
1
1
1
Note
1
1
Note
1
Note
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
Z,C,AC,OV
C
LogicOperation
ANDA,[m]
ORA,[m]
XORA,[m]
ANDM A,[m]
ORM A,[m]
XORM A,[m]
ANDA,x
ORA,x
XORA,x
CPL [m]
CPLA [m]
LogicalANDDataMemoryto ACC
LogicalORDataMemoryto ACC
LogicalXORDataMemoryto ACC
LogicalAND ACC toDataMemory
LogicalOR ACC toDataMemory
LogicalXOR ACC toDataMemory
LogicalANDimmediateDatato ACC
LogicalORimmediateDatato ACC
LogicalXORimmediateDatato ACC
ComplementDataMemory
ComplementDataMemorywithresultin ACC
1
1
1
1
Note
1
Note
1
Note
1
1
1
1
Note
1
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Z
Increment&Decrement
INCA[m]
INC[m]
DECA [m]
DEC[m]
IncrementDataMemorywithresultin ACC
IncrementDataMemory
DecrementDataMemorywithresultin ACC
DecrementDataMemory
1
1
Note
1
1
Note
Z
Z
Z
Z
Rotate
RRA [m]
RR[m]
RRCA [m]
RRC [m]
RLA [m]
RL [m]
RLCA [m]
RLC [m]
RotateDataMemoryrightwithresultin ACC
RotateDataMemoryright
RotateDataMemoryrightthroughCarrywithresultin ACC
RotateDataMemoryrightthroughCarry
RotateDataMemoryleftwithresultin ACC
RotateDataMemoryleft
RotateDataMemoryleftthroughCarrywithresultin ACC
RotateDataMemoryleftthroughCarry
1
1
Note
1
1
Note
1
1
Note
1
1
Note
None
None
C
C
None
None
C
C
DataMove
MOVA,[m]
MOV[m],A
MOVA,x
MoveDataMemoryto ACC
Move ACC toDataMemory
Moveimmediatedatato ACC
1
1
Note
1
None
None
None
Rev.1.10
137
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com