Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT66F13 Datasheet(PDF) 141 Page - Holtek Semiconductor Inc

Part # HT66F13
Description  Enhanced A/D Flash Type MCU
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F13 Datasheet(HTML) 141 Page - Holtek Semiconductor Inc

Back Button HT66F13 Datasheet HTML 137Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 138Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 139Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 140Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 141Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 142Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 143Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 144Page - Holtek Semiconductor Inc HT66F13 Datasheet HTML 145Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 173 page
background image
CPL [m]
ComplementDataMemory
Description
Each bit of the specified Data Memory is logically complemented (1
¢s complement).
Bitswhichpreviouslycontaineda1arechangedto0andviceversa.
Operation
[m]
¬ [m]
Affected flag(s)
Z
CPLA [m]
ComplementDataMemorywithresultin ACC
Description
Each bit of the specified Data Memory is logically complemented (1
¢s complement).
Bits which previously contained a 1 are changed to 0 and vice versa. The complemented
result is stored in the Accumulator and the contents of the Data Memory remain un-
changed.
Operation
ACC
¬ [m]
Affected flag(s)
Z
DAA [m]
Decimal-Adjust ACC foradditionwithresultinDataMemory
Description
Convert the contents of the Accumulator value to a BCD ( Binary Coded Decimal) value
resulting from the previous addition of two BCD variables. If the low nibble is greater
than 9 or if AC flag is set, then a value of 6 will be added to the low nibble. Otherwise the
low nibble remains unchanged. If the high nibble is greater than 9 or if the C flag is set,
then a value of 6 will be added to the high nibble. Essentially, the decimal conversion is
performed by adding 00H, 06H, 60H or 66H depending on the Accumulator and flag
conditions. Only the C flag may be affected by this instruction which indicates that if the
originalBCDsumisgreaterthan100,itallowsmultipleprecisiondecimaladdition.
Operation
[m]
¬ ACC +00Hor
[m]
¬ ACC +06Hor
[m]
¬ ACC +60Hor
[m]
¬ ACC +66H
Affected flag(s)
C
DEC [m]
DecrementDataMemory
Description
DatainthespecifiedDataMemoryis decremented by1.
Operation
[m]
¬ [m] - 1
Affected flag(s)
Z
DECA [m]
DecrementDataMemorywithresultin ACC
Description
Data in the specified Data Memory is decremented by 1. The result is stored in the Accu-
mulator.ThecontentsoftheDataMemoryremainunchanged.
Operation
ACC
¬ [m] - 1
Affected flag(s)
Z
HALT
Enterpowerdownmode
Description
This instruction stops the program execution and turns off the system clock. The con-
tents of the Data Memory and registers are retained. The WDT and prescaler are cleared.
Thepowerdownflag PDF issetandthe WDT time-outflagTOiscleared.
Operation
TO
¬ 0
PDF
¬ 1
Affected flag(s)
TO, PDF
Rev.1.10
141
February9,2011
HT66F13/HT66F14/HT66F15
EnhancedA/DFlashTypeMCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com