Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 27 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 27 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 20Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 21Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 22Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 23Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 24Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 25Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 26Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 27Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 28Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
USB2SEREVB Layout, Schematics, and BOM
USB2SER Data Sheet, Rev. 0
Freescale Semiconductor
27
D.3
Bill of Materials
Table 2. BOM
Quantity
Description
Reference
1
CAP CER 0.47UF 25V 10% X7R 0805
C8
2
CAP CER 1.0UF 6.3V 10% X5R 0402
C10,C12
5
CAP CER 0.1UF 10V 10% X5R 0402
C1,C2,C4,C5,C9
2
CAP CER 18PF 50V 5% C0G 0402
C3,C6
1
CAP CER 1000PF 50V 5% C0G 0402
C11
1
CAP CER 4.7uF 25V 10% X7R 1206
C7
1
CAP CER 10UF 10V 20% X5R 0603
C13
1
IND FER BEAD 60OHM@100MHZ 500MA -- 0603
L1
1
HDR 1X3 TH 100MIL SP 374H AU
J4
1
HDR 1X2 TH 100MIL SP 339H AU 98L
J3
1
CON 9 DB 0.318 PLUG RA SHLD TH 54MIL SP 494H AU W/ BRD LOCKS
J1
1
CON 2X2 USB_TYPE_B SKT RA SHLD TH 2.5MM SP 453H AU
J5
1
HDR 1X9 TH 100MIL SP 330H SN
P1
2
TEST POINT PAD 40MIL DIA SMT, NO PART TO ORDER
TP1,TP2
1
XTAL 4MHZ -- 18PF 20PPM SMT
Y1
1
IC VREG LDO 3.3V 80MA 6.0V SC82-AB
U3
1
IC USB2SERA10CFK
U2
1
IC XCVR RS232 2 DRV 2 RCV 235KBPS 3.0-5.5V TSSOP20
U1
1
LED RED/GRN DUAL 20MA SMD
DS1
1
RES MF 1.0M 1/16W 1% 0402
R1
2
RES MF 470 OHM 1/16W 5% 0402
R7,R8
1
RES MF ZERO OHM 1/16W 5% 0402
R9
1
RES MF 10K 1/16W 5% 0402
R3
2
RES MF 33.0 OHM 1/16W 1% 0402
R5,R6
1
DIODE ZNR 3W 5.1V SMB
D1
1
DIODE ESD SUPPRESSOR BIDIR -- 12V 0402
TVS1
1
SW DPDT SMT 0.4VA@20VAC/DC
SW1
1
FUSE PTC 0.5A 6V SMT
F1
0
RES MF 10K 1/16W 5% 0402
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com