Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 11Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 12Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 13Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 14Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 15Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 16Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 17Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 18Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Electrical Characteristics
USB2SER Data Sheet, Rev. 0
Freescale Semiconductor
15
3. Power supply must maintain regulation within operating VDD range during instantaneous and operating maximum current
conditions. If positive injection current (VIn > VDD) is greater than IDD, the injection current may flow out of VDD and can result
in the external power supply going out of regulation. Ensure external VDD load will shunt current greater than maximum
injection current. This will be the greatest risk when the MCU is not consuming power. Examples are: if no system clock is
present, or if the clock rate is very low which reduces overall power consumption.
A.3
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package thermal resistance. Power
dissipation on I/O pins is usually small compared to the power dissipation in on-chip logic. It is user-determined rather than
being controlled by the MCU design. To take PI/O into account in power calculations, determine the difference between actual
pin voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high pin current
(heavy loads), the difference between pin voltage and VSS or VDD will be very small.
1. Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance
2. Junction to Ambient Natural Convection
3. 1s — Single layer board, one signal layer
4. 2s2p — Four layer board, 2 signal and 2 power layers
The average chip-junction temperature (TJ) in × ° C can be obtained from:
Eqn. 1
Where:
TA — Ambient temperature,° C
JA — Package thermal resistance, junction-to-ambient,° C/W
PD — Pint + PI/OPint = IDD × VDD, Watts — chip internal power
PI/O — Power dissipation on input and output pins — user determined
For most applications, PI/O << Pint and can be neglected. An approximate relationship between PD and TJ (if PI/O is neglected)
is:
Eqn. 2
Table A-3. Absolute maximum ratings
Rating
Symbol
Value
Unit
Operating temperature range (packaged)
T
A
T
L to TH
-40 to 85
° C
Thermal Resistance 1, 2, 3, 4
24-pin QFN
1s
2s2p
JA
92
33
° C/W
T
j
T
A
P
D
Iq
JA
P
D
JA
+
=
PD
K
T
J
273
C
+

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com