Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 17 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 17 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 13Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 14Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 15Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 16Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 17Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 18Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 19Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 20Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 21Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
Electrical Characteristics
USB2SER Data Sheet, Rev. 0
Freescale Semiconductor
17
1. Measured with VIn = VDD or VSS.
2. Measured with VIn = VSS.
A.6
Supply Current Characteristics
4
P
Output high current — Max total IOH for all ports
5 V
3 V
IOHT
—
—
—
—
100
60
mA
5
P
Output high current — Max total IOL for all ports
5V
3V
IOLT
—
—
—
—
100
60
mA
6
P
Input high voltage; all digital inputs
VIH
0.65 x VDD
——
V
7
P
Input low voltage; all digital inputs
VIL
—
—
0.35 x VDD
8
P
Input hysteresis; all digital inputs
VHYS
0.06 x VDD
——
Mv
9
P
Input leakage current; input only pins1
| IIn |—
.01
1
µA
10
P
High Impedance (off-state) leakage current1
| IOZ |—
.01
1
µA
11
P
Internal pullup resistors2 (Resume pin)
RPU
20
45
65
k
12
C
Internal pullup resistor to USBDP (to VUSB33)
Idle
Transmit
RPUPD
900
1425
—
—
1575
3090
k
13
C
Input capacitance; all non-supply pins
CIN
——
8
pF
Table A-6. Supply current characteristics
Num
C
Parameter
Symbol
VDD (V)
Typical1
Max
Unit
1
P
Run supply current
RIDD
5
19.93
—
mA
3
18.74
—
mA
Table A-5. ESD Protection characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com