Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  USB2SER Datasheet HTML 1Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 2Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 3Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 4Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 5Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Freescale Semiconductor
Data Sheet: Advance Information
Document Number: USB2SERDS
Rev. 0, 05/2011
© Freescale Semiconductor, Inc., 2011. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
USB2SER
24-pin QFN
Case 1897
Introduction
The USB2SER is a USB to UART bridge controller on a
5x5mm lead free QFN24. It is a simple low cost solution to
enable a USB for an embedded system with a UART port,
reducing external component counts. It supports USB 2.0 full-
speed and TTL RS232 or RS485 UART with options for
hardware flow control, Software Flow control (Xon-Xoff),
even or odd parity, and stop bits configuration.
Features
•
Single chip USB to UART Data Transfer (RS232 or
RS485)
•
USB specification 2.0 compliant, full speed
(12 Mbps)
•
User programmable custom baud rates from 300 bps
to 115200 bps
•
UART supports 8 bit data, 1 or 2 stop bits and odd,
even or no parity
•
RESUME signal to request a remote wake-up and
SUSPEND output to indicate that the device is in
suspended mode
•
Integrated 3.3 V regulator for a USB IO
•
Integrated Power-On-Reset circuit
•
Integrated 2 MHz – 48 Mhz clock multiplier PLL
•
Supports 2 MHz, 4 MHz, 6 MHz, 8 MHz, 12 MHz,
and 16 MHz external crystals with automatic crystal
frequency detection
•
USB bulk data transfer modes for data
communication
•
3 V to 5 V single supply operation
•
UHCI / OHCI / EHCI host controller compatible
•
Configurable USB VID, PID, and device
description strings in the internal flash
•
Configurable password to protect the device from
additional parameter modifications
•
Data formats supported 8 bits data, 1 and 2 stop bits
•
Parity odd, even, no parity
•
Hardware flow control (RTC / CTS) or Software
Xon/Xoff flow control
•
RS485_TXEN signal to support RS485
•
USB and UART activity pins to indicate
communication activity and fail sequences
Drivers support
The USB2SER can act as a CDC standard device that
eliminates the need for custom drivers for operation when the
flow-control is not needed (only an INF file is required).
For flow control support, COM emulator drivers are available
for:
•
Windows XP 32-bits and 64-bits versions
•
Windows Vista 32-bits and 64-bits versions
•
Windows 7 32-bits and 64-bits versions
•
Linux Kernel 2.6.34 and higher
Additionally to the drivers, a software configuration tool is
provided to customize the Product ID, Vendor ID, Product
strings, current consumption parameters and password
protection option, to prevent further modifications to the
device information. For driver installation and software go to:
The GUI and Driver Installer at www.freescale.com/usb2ser.
Package
USB2SER comes in a compact 5 x 5 mm Pb free RoHS
compliant QFN24.
USB2SER Data Sheet
USB to UART Application Specific
IC


Similar Part No. - USB2SER

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
USB2-012 PROSIGNAL-USB2-012 Datasheet
29Kb / 1P
USB 2.0 Cable
USB2-021 PROSIGNAL-USB2-021 Datasheet
114Kb / 1P
USB 2.0 Extension Cable 1 Meter
V1.0 28/07/16
USB2-021. PROSIGNAL-USB2-021. Datasheet
114Kb / 1P
USB 2.0 Extension Cable 1 Meter
V1.0 28/07/16
USB2-062 PROSIGNAL-USB2-062 Datasheet
166Kb / 2P
Camera Cable
V1.0 22/04/13
USB2-062 PROSIGNAL-USB2-062 Datasheet
466Kb / 1P
USB2-062
2003.12.18
More results

Similar Description - USB2SER

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP2101 ETC-CP2101 Datasheet
348Kb / 14P
Single-Chip USB to UART Bridge
CP2103 ETC1-CP2103 Datasheet
399Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Silicon Laboratories
CP2102 SILABS-CP2102 Datasheet
408Kb / 18P
SINGLE-CHIP USB TO UART BRIDGE
logo
Future Technology Devic...
FT232R FTDI-FT232R_10 Datasheet
774Kb / 43P
USB UART IC - Single chip USB to asynchronous serial data transfer interface
logo
Feature Integration Tec...
F81232 FINTEK-F81232 Datasheet
179Kb / 14P
USB to UART Chip
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
(USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
USB to BASIC UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-1 HOLTEK-HT42B534-1 Datasheet
2Mb / 16P
USB to UART Bridge IC
December 09, 2016
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
USB to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com