Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 12Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 13Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 14Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 15Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 16Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 17Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 18Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 19Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
USB2SER Data Sheet, Rev. 0
Electrical Characteristics
Freescale Semiconductor
16
Solving Equation 1 and Equation 2 for K gives:
Eqn. 3
Where K is a constant pertaining to the particular part. K can be determined from Equation 3 by measuring PD (at equilibrium)
for a known TA. Using this value of K, the values of PD and TJ can be obtained by solving Equation 1 and Equation 2 iteratively
for any value of TA.
A.4
Electrostatic Discharge (ESD) Protection Characteristics
Although damage from static discharge is much less common on these devices than on early CMOS circuits, normal handling
precautions must be used to avoid exposure to static discharge. Qualification tests are performed to ensure that these devices
can withstand exposure to reasonable levels of static without suffering any permanent damage. This device was qualified to
AEC-Q100 Rev E. A device is considered to have failed if, after exposure to ESD pulses, the device no longer meets the device
specification requirements. Complete DC parametric and functional testing is performed per the applicable device specification
at room temperature followed by hot temperature, unless specified otherwise in the device specification.
A.5
DC Characteristics
This section includes information about power supply requirements, I/O pin characteristics, and power supply current in various
operating modes.
Table A-4. ESD Protection characteristics
Rating
Symbol
Value
Unit
ESD Target for Machine Model (MM) — MM
circuit description
VTHMM
200
V
ESD Target for Human Body Model (HBM)
— HBM circuit description
VTHHBM
2000
V
Table A-5. ESD Protection characteristics
Num
C
Parameter
Symbol
Min
Typical1
Max
Unit
1
Operating voltage
—
2.7
—
5.5
V
2
P
Output high voltage
5 V, ILoad = –10 mA
3 V, ILoad = –3 mA
5 V, ILoad = –2 mA
3 V, ILoad = –0.4 mA
VOH
V
DD – 1.5
V
DD – 1.5
V
DD – 0.8
V
DD – 0.8
—
—
—
—
—
—
—
—
V
Output low voltage — Low drive (PTxDSn = 0)
5 V, ILoad = 2 mA
3 V, ILoad = 0.6 mA
5 V, ILoad = 0.4 mA
3 V, ILoad = 0.24 mA
VOH
1.5
1.5
0.8
0.8
—
—
—
—
—
—
—
—
3
P
Output low voltage — High drive (PTxDSn = 1)
5 V, ILoad = 10 mA
3 V, ILoad = 3 mA
5 V, ILoad = 2 mA
3 V, ILoad = 0.4 mA
1.5
1.5
0.8
0.8
—
—
—
—
—
—
—
—
V
KP
D
T
A
273
C
+

JA
P
D

2
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com