Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  USB2SER Datasheet HTML 1Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 2Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 3Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 4Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 5Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
Pins and Connections
USB2SER Data Sheet, Rev. 0
Freescale Semiconductor
5
1.3
Recommended system connections
Figure 3. System connections working at 5 V
Figure 4. System connections working at 3 V
1 RC filter on RESET is recommended for EMC-sensitive applications.
2 RPUDP is shown for full-speed USB only. The diagram shows a configuration where the on-chip regulator and RPUDP are enabled. The voltage
regulator output is used for RPUDP. RPUDP can optionally be disabled if using an external pullup resistor on USBDP.
3 VBUS is a 5.0 V supply from upstream port that can be used for USB operation.
4 USBDP and USBDN are powered by the 3.3 V regulator.
5 When using internal VUSB33 as supply, there needs to be an external cap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com