Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 2Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 3Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 4Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 5Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
USB2SER Data Sheet, Rev. 0
Pins and Connections
Freescale Semiconductor
6
1.4
Signals description
1.5
Power (VDD, VSS, VSSOSC, VUSB33)
The VDD and VSS are the primary power supply pins for the USB2SER. This voltage source supplies power to all the I/O buffer
circuitry and to an internal voltage regulator.
Typically, application systems have two separate capacitors across the power pins. A 10 µF tantalum capacitor which provides
bulk charge storage for the overall system and a 0.1 µF ceramic bypass capacitor to suppress high-frequency noise is located as
near as possible to the paired VDD and VSS power pins. The USB2SER has a VSSOSC pin. This pin must be connected to the
system ground plane or to the primary VSS pin through a low-impedance connection.
If using an external 3.3 V regulator as an input to VUSB33, the supply voltage, VDD, must not fall below the input voltage at
the VUSB33 pin. If using the internal 3.3 V regulator, do not connect an external supply to the VUSB33 pin. In this case, VDD
must fall between 3.9 V and 5.0 V for the internal 3.3 V regulator to operate correctly. The USB2SER uses the VUSB33MON
pin to detect VDD used and configure the device accordingly.
Table 1. Signal descriptions
Pin Number
Pin Name
Description
1
/RESUME
Pin to request a remote wake-up
2
/RESET
Reset pin
3
/SUSPEND
Indicates when the device is in suspended mode
4
NC
No connect
5
USB_LED
USB activity LED connection
6
NC
No connect
7
UART_LED
UART Activity LED connection
8
RS485_TXEN
Transmitter control pin for RS485 transceiver
9
RTS
UART request to send
10
CTS
UART clear to send
11
VDD
Supply voltage
12
NC
No connect
13
VSS
0 V ground input
14
USBDN
USB data minus signal
15
USBDP
USB data plus signal
16
VUSB33
Bidirectional signal connected to the 3.3 V regulator
17
VUSB33MON
USB Internal regulator monitor pin. Connect to VUSB33
18
NC
No connect
19
RXD
UART reception pin
20
TXD
UART transmission pin
21
XTAL
XTAL crystal oscillator pin for Pierce oscillator
22
EXTAL
EXTAL crystal oscillator pin for Pierce oscillator
23
VSS_OSC
0 V ground input for the oscillator reference
24
NC
No connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com