Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 4Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 5Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 10Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 11Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
USB2SER Data Sheet, Rev. 0
Functional Description
Freescale Semiconductor
8
Each USB peripheral requires a unique VID/PID combination. Vendor IDs are assigned by the USB-IF. It is possible to us the
factory VID/PID combination, only if the Product strings are not modified. In case that the strings are changed, it is necessary
to get a different VID/PID combination.
Freescale, as a member of the USB-IF, owns a Vendor ID and manages a database of Product IDs to be used in association with
the VID. If a customer of Freescale’s USB-enabled products is unable to procure their own VID, apply to use Freescale’s VID
in association with an assigned PID.
In case the device loses power in the middle of a descriptors configuration process, the default parameters will be loaded to
ensure that the part remains functional in all cases. If this happens, the password to protect the device from further modifications
will also be reset to the default value which is “FFFFFFFFFFFFFFFF”
2
Functional Description
The USB2SER is a USB2.0 Full Speed (12Mb/s) to the UART (RS232 or RS485) converter. This device integrates an on-chip
Full Speed USB 2.0 compatible transceiver, the USB serial interface engine, and an on-chip 3.3 V voltage regulator to a UART
communication.
2.1
Crystal frequency auto-detection
The USB2SER supports 2MHz, 4MHz, 6MHz, 8MHz, 12MH, and 16MHz external crystals connected in a Pierce Oscillator
Configuration.
Figure 6. Pierce Oscillator
2.2
Operating errors
In case there is an error with the USB2SER, the device will generate a 2-bit gray sequence using the UART_LED and
USB_LED
. The following are the possible errors and the device expected behavior:
•
For a PLL issue (crystal outside the operating range) the gray sequence changes every 60 ms
•
For a USB issue the sequence changes every 200 ms
2.3
RS232 connections
Figure shows the recommended connections to an RS232 transceiver. When interfacing to an RS485 transceiver, the
RS485_TXEN controls the transmitter enable signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com