Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 10Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 11Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 12Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 13Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
USB2SER Data Sheet, Rev. 0
Drivers and GUI
Freescale Semiconductor
10
Where:
BitsPerByte — 11 for 2 stop bits or any parity option or 10 for 1 stop bit without parity
96 is the Serial buffer size in Bytes
In case the USB host does not request for data before the time out expires and there is no flow control option selected, previously
received data will be overwritten with the new received information.
2.6
Operation with commercial terminals for serial communication
Standard terminals for UART communication may have some limitations in the type of data that may be sent/received or some
protocol supports.
Known limitations are:
•
Binary option must be supported to communicate data that is not standard text
•
Communication Protocols (that is, Z modem with Crash recovery, X modem, Y modem, Kermit, and so on) may
include a protocol timeout that may not work in baud rates below 2400 bps
When using a standard terminal (HyperTerminal or TeraTerm for example) you must, make sure that the proper configuration
is selected to send the desired type of information.
3
Drivers and GUI
The USB2SER can work with the standard Windows driver or with a custom driver for expanded functionality. The Microsoft
Windows driver will enable a USB to COM port communication but without Hardware or Software Flow control features from
the Host PC to the device. To use this approach, it is possible to copy contents from Appendix C and save it as a file with
extension .inf. When the driver is requested the first time after connecting the device it is possible to select this INF file.
Freescale custom drivers for communication allow using any standard terminal or customer software to enable or disable
Hardware or Software flow control. The driver also comes with a set of functions to configure Maximum Current consumption
through the USB port, Product Strings, Vendor ID and Product ID. Password protects these settings. If any of the product strings
or VID/PID is changed, it is necessary to send the product for USB certification if the customer wants to use the USB logo.
3.1
Graphical user interface for product configuration
The GUI provided with the USB2SER is intended to allow the modification of the Bus Power configuration, Vendor ID, Product
ID and any of the manufacturer strings. This allows the customization of any product using this product. It is also possible to
password protect the device configuration to avoid future modifications after a product release.
96
*
_
BaudRate
e
BitsPerByt
Timeout
Overflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com