Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2SER Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # USB2SER
Description  USB to UART Application Specific IC Single chip USB to UART Data Transfer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

USB2SER Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button USB2SER Datasheet HTML 5Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 6Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 7Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 8Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 9Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 10Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 11Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 12Page - Freescale Semiconductor, Inc USB2SER Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Functional Description
USB2SER Data Sheet, Rev. 0
Freescale Semiconductor
9
Figure 7. Example schematic using an RS232 transceiver
2.4
UART Baud rates
Baud rate is calculated by generating an internal divisor used to generate the clock for the UART communication module. The
following calculation is used to estimate the real baud rate that will be generated by the device:
Where
is the closest integer resulting from the division.
After reset the device is automatically configured to communicate at 115,200 bps which is the maximum allowed value.
2.5
Flow control operation
The device works as a standard Communication Device Class (CDC); to add flow control options to this class, the drivers are
installed in the operating system to enable this functionality.
When working without any flow control option, it is possible to generate an overflow condition, if the USB host does not request
for the data received through the serial interface fast enough. Using any flow control option (hardware or software) eliminates
the overflow possibility.
The following formula may be used to determine the amount of time without requesting data to generate the overflow condition:
BaudRate
24 000 000

Round
24 000 000

DesiredBaudrate
16
---------------------------------------------------------


16
---------------------------------------------------------------------------------------------
=
Round
24 000 000

24 000 000

DesiredBaudrate
16
---------------------------------------------------------


---------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com